Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP80 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP80
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP80 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
7
At a known board temperature, the junction temperature is estimated using the following equation:
TJ = TB + (RθJB × PD)
where:
TJ = junction temperature (
oC)
TB = board temperature at the package perimeter (
oC/W)
RθJB = junction-to-board thermal resistance (
oC/W) per JESD51-8
PD = power dissipation in the package (W)
When the heat loss from the package case to the air does not factor into the calculation, an acceptable value
for the junction temperature is predictable. Ensure the application board is similar to the thermal test
condition, with the component soldered to a board with internal planes.
The thermal resistance is expressed as the sum of a junction-to-case thermal resistance plus a
case-to-ambient thermal resistance:
RθJA = RθJC + RθCA
where:
RθJA = junction-to-ambient thermal resistance (
oC/W)
RθJC = junction-to-case thermal resistance (
oC/W)
RθCA = case-to-ambient thermal resistance (
oC/W)
RθJC is device related and is not affected by other factors. The thermal environment can be controlled to
change the case-to-ambient thermal resistance, RθCA. For example, change the air flow around the device,
add a heat sink, change the mounting arrangement on the printed circuit board, or change the thermal
dissipation on the printed circuit board surrounding the device. This description is most useful for
packages with heat sinks where 90% of the heat flow is through the case to heat sink to ambient.
For most packages, a better model is required.
A more accurate two-resistor thermal model can be constructed from the junction-to-board thermal
resistance and the junction-to-case thermal resistance. The junction-to-case thermal resistance describes
when using a heat sink or where a substantial amount of heat is dissipated from the top of the package. The
junction-to-board thermal resistance describes the thermal performance when most of the heat is
conducted to the printed circuit board. This model can be used to generate simple estimations and for
computational fluid dynamics (CFD) thermal models.
To determine the junction temperature of the device in the application on a prototype board, use the
thermal characterization parameter (
Ψ
JT) to determine the junction temperature by measuring the
temperature at the top center of the package case using the following equation:
TJ = TT + (ΨJT × PD)
where:
TT = thermocouple temperature on top of the package (
oC)
Ψ
JT = thermal characterization parameter (
oC/W)
PD = power dissipation in the package (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com