Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP80 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP80
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP80 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP80 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
25
3Fast
00
3.1
2.7
10
01
2.5
20
10
2.4
30
11
2.3
50
4
Pullup/down (3.6 V max)
—
—
7500
50
5
Pullup/down (5.5 V max)
—
—
9000
50
1 These are worst-case values that are estimated from simulation (not tested). The values in the table are simulated at:
VDD = 1.35–1.65 V; VDDE = 1.62–1.98 V; VDDEH = 4.5–5.25 V; VDD33 and VDDSYN = 3.0–3.6 V; and TA =TL to TH.
2 This parameter is supplied for reference and is guaranteed by design (not tested).
3 The output delay is shown in Figure 4. To calculate the output delay with respect to the system clock,
add a maximum of one system clock to the output delay.
4 The output delay and rise and fall are measured to 20% or 80% of the respective signal.
5 This parameter is guaranteed by characterization rather than 100% tested.
Table 18. Derated Pad AC Specifications (VDDEH = 3.3 V, VDDE = 3.3 V)
1
1 These are worst-case values that are estimated from simulation (not tested). The values in the table are simulated at:
VDD = 1.35–1.65 V; VDDE = 3.0–3.6 V; VDDEH = 3.0–3.6 V; VDD33 and VDDSYN = 3.0–3.6 V; and TA = TL to TH.
Spec
Pad
SRC/DSC
(binary)
Out Delay 2, 3, 4
(ns)
2 This parameter is supplied for reference and guaranteed by design (not tested).
Rise / Fall 3, 5
(ns)
Load Drive
(pF)
1
Slow high voltage (SH)
11
39
23
50
120
87
200
01
101
52
50
188
111
200
00
507
248
50
597
312
200
2
Medium high voltage (MH)
11
23
12
50
64
44
200
01
50
22
50
90
50
200
00
261
123
50
305
156
200
3Fast
00
3.2
2.4
10
01
2.2
20
10
2.1
30
11
2.1
50
4
Pullup/down (3.6 V max)
—
—
7500
50
5
Pullup/down (5.5 V max)
—
—
9500
50
Table 17. Pad AC Specifications (VDDEH = 5.0 V, VDDE = 1.8 V)
1 (continued)
Spec
Pad
SRC / DSC
(binary)
Out Delay 2, 3, 4
(ns)
Rise / Fall 4, 5
(ns)
Load Drive
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com