Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP80 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP80
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP80 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP80 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
37
Figure 15. External Interrupt Timing
3.13.6
eTPU Timing
Figure 16. eTPU Timing
Table 24. eTPU Timing 1
1 eTPU timing specified at: V
DDEH = 3.0–5.25 V and TA = TL to TH.
Spec
Characteristic
Symbol
Min.
Max
Unit
1
eTPU input channel pulse width
tICPW
4—
tCYC
2
eTPU output channel pulse width
tOCPW
2 2
2 This specification does not include the rise and fall times. When calculating the minimum eTPU pulse width, include the rise
and fall times defined in the slew rate control fields (SRC) of the pad configuration registers (PCR).
—tCYC
IRQ
1
2
3
1
2
eTPU
output
eTPU input
and TCRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com