Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP80 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP80
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP80 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP80 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
34
7
Input signal valid to CLKOUT
positive edge (setup time)
External bus interface
ADDR[8:31]
DATA[0:31]
BG 6
BR 5
BB
RD_WR
TA
TEA
TS
tCIS
10.0
—
7.0
—
5.0
—
ns
8
CLKOUT positive edge to input
signal invalid (hold time)
External bus interface
ADDR[8:31]
DATA[0:31]
BG 6
BR 5
BB
RD_WR
TA
TEA
TS
tCIH
1.0
—
1.0
—
1.0
—
ns
1 EBI timing specified at: V
DDE = 1.6–3.6 V (unless stated otherwise); TA = TL to TH; and CL = 30 pF with DSC = 0b10.
2 Speed is the nominal maximum frequency. Max. speed is the maximum speed allowed including frequency modulation (FM).
82 MHz parts allow for 80 MHz system clock + 2% FM; 114 MHz parts allow for 112 MHz system clock + 2% FM; and
132 MHz parts allow for 128 MHz system clock + 2% FM.
3 The external bus is limited to half the speed of the internal bus.
4 Refer to fast pad timing in Table 17 and Table 18 (different values for 1.8 V and 3.3 V).
5 Internal arbitration.
6 External arbitration.
7 SIU_ECCR[EBTS] = 0 timings are tested and valid at V
DDE = 2.25–3.6 V only; SIU_ECCR[EBTS] = 1 timings are tested and
valid at VDDE = 1.6–3.6 V.
Table 22. Bus Operation Timing1 (continued)
Spec
Characteristic
and
Description
Symbol
External Bus Frequency 2, 3
Unit
Notes
40 MHz
56 MHz
66 MHz
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com