Electronic Components Datasheet Search
  English  ▼

X  

MPC5554MZP80 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP80
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP80 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5554MZP80 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5554MZP80 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Revision History for the MPC5554 Data Sheet
Freescale Semiconductor
52
Table 26 DSPI Timing:
• Footnote 1, changed ‘VDDEH = 3.0–5.5 V;’ to ‘VDDEH = 3.0–5.25 V;’
• Table Title: Added footnote that reads: Speed is the nominal maximum frequency. Max speed is the maximum
speed allowed including frequency modulation (FM). 82 MHz parts allow for 80 MHz system clock + 2% FM;
114 MHz parts allow for 112 MHz system clock + 2% FM; and 132 MHz parts allow for
128 MHz system clock + 2% FM.
• Spec 1: SCK cycle time; Changed to 80 MHz minimum column from 25 to 24.4; 112 MHz minimum column from
17.9 to 17.5; 112 MHz maximum column from 2.0 to 2.1.
Table 27 EQADC SSI Timing Characteristics
• Footnote 1: Changed VDDEH = 3.0–5.5 V to VDDEH = 3.0–5.25 V.
Table 28. Changes Between Rev. 2.0 and 3.0 (continued)
Location
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com