Electronic Components Datasheet Search
  English  ▼

X  

LPC2377 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2377
Description  Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2377 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2377 Datasheet HTML 25Page - NXP Semiconductors LPC2377 Datasheet HTML 26Page - NXP Semiconductors LPC2377 Datasheet HTML 27Page - NXP Semiconductors LPC2377 Datasheet HTML 28Page - NXP Semiconductors LPC2377 Datasheet HTML 29Page - NXP Semiconductors LPC2377 Datasheet HTML 30Page - NXP Semiconductors LPC2377 Datasheet HTML 31Page - NXP Semiconductors LPC2377 Datasheet HTML 32Page - NXP Semiconductors LPC2377 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
LPC2377_78_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 November 2008
29 of 55
NXP Semiconductors
LPC2377/78
Single-chip 16-bit/32-bit microcontroller
based on the APB clock. Also, the RTC is powered by its own power supply pin, VBAT,
which can be connected to a battery or to the same 3.3 V supply used by the rest of the
device.
The VBAT pin supplies power only to the RTC and the battery RAM. These two functions
require a minimum of power to operate, which can be supplied by an external battery.
When the CPU and the rest of chip functions are stopped and power removed, the RTC
can supply an alarm output that can be used by external hardware to restore chip power
and resume operation.
7.24.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra low power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and Day
of Year.
• Dedicated 32 kHz oscillator or programmable prescaler from APB clock.
• Dedicated power supply pin can be connected to a battery or to the main 3.3 V.
• An alarm output pin is included to assist in waking up from Power-down mode, or
when the chip has had power removed to all functions except the RTC and battery
RAM.
• Periodic interrupts can be generated from increments of any field of the time registers,
and selected fractional second values.
• 2 kB data SRAM powered by VBAT.
• RTC and battery RAM power supply is isolated from the rest of the chip.
7.25 Clocking and power control
7.25.1 Crystal oscillators
The LPC2377/78 includes three independent oscillators. These are the Main Oscillator,
the Internal RC oscillator, and the RTC oscillator. Each oscillator can be used for more
than one purpose as required in a particular application. Any of the three clock sources
can be chosen by software to drive the PLL and ultimately the CPU.
Following reset, the LPC2377/78 will operate from the Internal RC oscillator until switched
by software. This allows systems to operate without any external crystal and the
bootloader code to operate at a known frequency.
7.25.1.1
Internal RC oscillator
The IRC may be used as the clock source for the WDT, and/or as the clock that drives the
PLL and subsequently the CPU. The nominal IRC frequency is 4 MHz. The IRC is
trimmed to 1 % accuracy.
Upon power-up or any chip reset, the LPC2377/78 uses the IRC as the clock source.
Software may later switch to one of the other available clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com