Electronic Components Datasheet Search
  English  ▼

X  

LPC2377 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC2377
Description  Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2377 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC2377 Datasheet HTML 47Page - NXP Semiconductors LPC2377 Datasheet HTML 48Page - NXP Semiconductors LPC2377 Datasheet HTML 49Page - NXP Semiconductors LPC2377 Datasheet HTML 50Page - NXP Semiconductors LPC2377 Datasheet HTML 51Page - NXP Semiconductors LPC2377 Datasheet HTML 52Page - NXP Semiconductors LPC2377 Datasheet HTML 53Page - NXP Semiconductors LPC2377 Datasheet HTML 54Page - NXP Semiconductors LPC2377 Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
LPC2377_78_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 November 2008
52 of 55
NXP Semiconductors
LPC2377/78
Single-chip 16-bit/32-bit microcontroller
14. Revision history
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC2377_78_4
20081119
Product data sheet
LPC2378_3
Modifications:
• Changed status to Product data sheet.
• Part LPC2377FBD144 added.
• Table 5 “Static characteristics”, Vhys, moved 0.4 from Typ to Min column.
• Table 5 “Static characteristics”, VI, added Table note 6.
• Table 5 “Static characteristics”, updated Table note 8.
• Added Table 9 “Dynamic characteristics: Static external memory interface”.
• Figure 6 “External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)”, removed
figure note, modified figure and title.
• Added Figure 7 “External memory read access” and Figure 8 “External memory write
access”.
• RSTOUT pin description updated: This is a 3.3 V pin.
• Updated description of pins RESET, RSTOUT and VBAT.
• Updated Figure 1 “LPC2377/78 block diagram”.
LPC2378_3
20070927
Preliminary data sheet
LPC2378_2
Modifications:
• Font in graphics updated.
LPC2378_2
20070501
Preliminary data sheet
-
LPC2378_1
Modifications:
• Removed references to VDD(1V8).
• Removed Deep power-down mode chapter and related references.
LPC2378_1
20061206
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com