Electronic Components Datasheet Search
  English  ▼

X  

LPC2377 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC2377
Description  Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2377 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC2377 Datasheet HTML 10Page - NXP Semiconductors LPC2377 Datasheet HTML 11Page - NXP Semiconductors LPC2377 Datasheet HTML 12Page - NXP Semiconductors LPC2377 Datasheet HTML 13Page - NXP Semiconductors LPC2377 Datasheet HTML 14Page - NXP Semiconductors LPC2377 Datasheet HTML 15Page - NXP Semiconductors LPC2377 Datasheet HTML 16Page - NXP Semiconductors LPC2377 Datasheet HTML 17Page - NXP Semiconductors LPC2377 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
LPC2377_78_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 November 2008
14 of 55
NXP Semiconductors
LPC2377/78
Single-chip 16-bit/32-bit microcontroller
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[2]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input. When configured as a DAC input,
digital section of the pad is disabled.
[3]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled.
[4]
Open-drain, 5 V tolerant digital I/O pad compatible with I2C-bus 400 kHz specification. It requires an external pull-up to provide output
functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines. Open-drain
configuration applies to all functions on this pin.
[5]
Pad provides digital I/O and USB functions (LPC2378 only). It is designed in accordance with the
USB specification, revision 2.0
(Full-speed and Low-speed mode only).
[6]
5 V tolerant pad with 5 ns glitch filter providing digital I/O functions with TTL levels and hysteresis.
[7]
5 V tolerant pad with 20 ns glitch filter providing digital I/O function with TTL levels and hysteresis.
[8]
Pad provides special analog functionality.
[9]
Pad provides special analog functionality.
RTCK
143[1]
I/O
RTCK — JTAG interface control signal.
Note: LOW on this pin while RESET is LOW enables ETM pins (P2[9:0]) to operate
as Trace port after reset.
RSTOUT
20
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates LPC2377/78 being in
Reset state.
RESET
24[7]
I
external reset input: A LOW on this pin resets the device, causing I/O ports and
peripherals to take on their default states, and processor execution to begin at
address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
31[8]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
33[8]
O
Output from the oscillator amplifier.
RTCX1
23[8]
I
Input to the RTC oscillator circuit.
RTCX2
25[8]
O
Output from the RTC oscillator circuit.
VSS
22, 44,
59, 65,
79, 103,
117,119,
139[9]
I
ground: 0 V reference.
VSSA
15[10]
I
analog ground: 0 V reference. This should nominally be the same voltage as VSS,
but should be isolated to minimize noise and error.
VDD(3V3)
41, 62,
77, 102,
114,
138[11]
I
3.3 V supply voltage: This is the power supply voltage for the I/O ports.
n.c.
21, 81,
98[12]
I
Leave these pins unconnected.
VDD(DCDC)(3V3)
18, 60,
121[13]
I
3.3 V DC-to-DC converter supply voltage: This is the power supply for the on-chip
DC-to-DC converter only.
VDDA
14[14]
I
analog 3.3 V pad supply voltage: This should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error. This voltage is used to
power the ADC and DAC.
VREF
17[14]
I
ADC reference: This should be nominally the same voltage as VDD(3V3) but should
be isolated to minimize noise and error. The level on this pin is used as a reference
for ADC and DAC.
VBAT
27[14]
I
RTC pin power supply: 3.3 V on this pin supplies the power to the RTC peripheral.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com