Electronic Components Datasheet Search
  English  ▼

X  

LPC2387 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2387 Datasheet HTML 21Page - NXP Semiconductors LPC2387 Datasheet HTML 22Page - NXP Semiconductors LPC2387 Datasheet HTML 23Page - NXP Semiconductors LPC2387 Datasheet HTML 24Page - NXP Semiconductors LPC2387 Datasheet HTML 25Page - NXP Semiconductors LPC2387 Datasheet HTML 26Page - NXP Semiconductors LPC2387 Datasheet HTML 27Page - NXP Semiconductors LPC2387 Datasheet HTML 28Page - NXP Semiconductors LPC2387 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
LPC2387_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 29 October 2008
25 of 52
NXP Semiconductors
LPC2387
Single-chip 16-bit/32-bit microcontroller
7.19 I2S-bus serial I/O controllers
The I2S-bus provides a standard communication interface for digital audio applications.
The
I2S-bus specification defines a 3-wire serial bus using one data line, one clock line,
and one word select signal. The basic I2S connection has one master, which is always the
master, and one slave. The I2S interface on the LPC2387 provides a separate transmit
and receive channel, each of which can operate as either a master or a slave.
7.19.1 Features
• The interface has separate input/output channels each of which can operate in master
or slave mode.
• Capable of handling 8-bit, 16-bit, and 32-bit word sizes.
• Mono and stereo audio data supported.
• The sampling frequency can range from 16 kHz to 48 kHz (16, 22.05, 32, 44.1,
48) kHz.
• Configurable word select period in master mode (separately for I2S input and output).
• Two 8-word FIFO data buffers are provided, one for transmit and one for receive.
• Generates interrupt requests when buffer levels cross a programmable boundary.
• Two DMA requests, controlled by programmable buffer levels. These are connected to
the GPDMA block.
• Controls include reset, stop and mute options separately for I2S input and I2S output.
7.20 General purpose 32-bit timers/external event counters
The LPC2387 includes four 32-bit Timer/Counters. The Timer/Counter is designed to
count cycles of the system derived clock or an externally-supplied clock. It can optionally
generate interrupts or perform other actions at specified timer values, based on four
match registers. The Timer/Counter also includes two capture inputs to trap the timer
value when an input signal transitions, optionally generating an interrupt.
7.20.1 Features
• A 32-bit Timer/Counter with a programmable 32-bit prescaler.
• Counter or Timer operation.
• Two 32-bit capture channels per timer, that can take a snapshot of the timer value
when an input signal transitions. A capture event may also generate an interrupt.
• Four 32-bit match registers that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Up to four external outputs corresponding to match registers, with the following
capabilities:
– Set LOW on match.
– Set HIGH on match.
– Toggle on match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com