Electronic Components Datasheet Search
  English  ▼

X  

LPC2387 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC2387
Description  Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC2387 Datasheet HTML 41Page - NXP Semiconductors LPC2387 Datasheet HTML 42Page - NXP Semiconductors LPC2387 Datasheet HTML 43Page - NXP Semiconductors LPC2387 Datasheet HTML 44Page - NXP Semiconductors LPC2387 Datasheet HTML 45Page - NXP Semiconductors LPC2387 Datasheet HTML 46Page - NXP Semiconductors LPC2387 Datasheet HTML 47Page - NXP Semiconductors LPC2387 Datasheet HTML 48Page - NXP Semiconductors LPC2387 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
LPC2387_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 29 October 2008
45 of 52
NXP Semiconductors
LPC2387
Single-chip 16-bit/32-bit microcontroller
Fig 11. LPC2387 USB OTG port configuration
USB_D+
USB_D
−
USB_SDA
USB_SCL
RSTOUT
LPC2387
Mini-AB
connector
33
Ω
33
Ω
VDD
VDD
002aae167
R4
R5
R6
R1
R2
R3
R4
EINTn
RESET_N
ADR/PSW
SPEED
SUSPEND
OE_N/INT_N
SCL
SDA
INT_N
VBUS
ID
DP
DM
ISP1301
VSS
Fig 12. LPC2387 USB host port configuration
USB_UP_LED
USB_D+
USB_D
−
USB_PWRD
15 k
Ω
15 k
Ω
LPC2387
USB-A
connector
33
Ω
33
Ω
002aae168
VDD
USB_OVRCR
USB_PPWR
LM3526-L
ENA
IN
5 V
FLAGA
OUTA
VDD
D+
D
−
VBUS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com