Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 13Page - NXP Semiconductors TDA8950 Datasheet HTML 14Page - NXP Semiconductors TDA8950 Datasheet HTML 15Page - NXP Semiconductors TDA8950 Datasheet HTML 16Page - NXP Semiconductors TDA8950 Datasheet HTML 17Page - NXP Semiconductors TDA8950 Datasheet HTML 18Page - NXP Semiconductors TDA8950 Datasheet HTML 19Page - NXP Semiconductors TDA8950 Datasheet HTML 20Page - NXP Semiconductors TDA8950 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
17 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
13. Application information
13.1 Mono BTL application
When using the power amplifier in a mono BTL application the inputs of both channels
must be connected in parallel and the phase of one of the inputs must be inverted (see
Figure 7). In principle the loudspeaker can be connected between the outputs of the two
single-ended demodulation filters.
13.2 Pin MODE
For pop noise-free start-up, an RC time-constant must be applied on pin MODE. The
bias-current setting of the VI-converter input is directly related to the voltage on pin
MODE. In turn the bias-current setting of the VI converters is directly related to the DC
output offset voltage. Thus a slow dV/dt on pin MODE results in a slow dV/dt for the
DC output offset voltage, resulting in pop noise-free start-up. A time-constant of 500 ms is
sufficient to guarantee pop noise-free start-up (see also Figure 4, 5 and 8).
13.3 Output power estimation
13.3.1 SE
Maximum output power:
(1)
Maximum current internally limited to 9.2 A:
(2)
Variables:
• RL: load impedance
• RsL: series impedance of the filter coil
• RDSon(hs): high-side RDSon of power stage output DMOS (temperature dependent)
• fosc: oscillator frequency
• tmin: minimum pulse width (typical 150 ns, temp. dependent)
• VP: single-sided supply voltage (or 0.5 × (VDD + |VSS|))
• Po(0.5 %): output power at the onset of clipping
Note that Io(peak) should be below 9.2 A (Section 8.3.2). Io(peak)M is the sum of the current
through the load and the ripple current. The value of the ripple current is dependent on the
coil inductance and voltage drop over the coil.
P
o 0.5%
()
R
L
R
L
R
DSon hs
()
R
sL
++
-----------------------------------------------------
V
P
1t
min
0.5
×
f
osc
–
()
×
×
2
2R
L
----------------------------------------------------------------------------------------------------------------------------------
=
I
opeak
()
V
P
1t
min
0.5 f
osc
×
–
()
×
R
L
R
DSon hs
()
R
sL
++
--------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com