Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8950 Datasheet HTML 1Page - NXP Semiconductors TDA8950 Datasheet HTML 2Page - NXP Semiconductors TDA8950 Datasheet HTML 3Page - NXP Semiconductors TDA8950 Datasheet HTML 4Page - NXP Semiconductors TDA8950 Datasheet HTML 5Page - NXP Semiconductors TDA8950 Datasheet HTML 6Page - NXP Semiconductors TDA8950 Datasheet HTML 7Page - NXP Semiconductors TDA8950 Datasheet HTML 8Page - NXP Semiconductors TDA8950 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
3 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
6.
Block diagram
The pin numbers in parenthesis refer to type number TDA8950J.
Fig 1.
Block diagram
001aah653
OUT1
VSSP1
VDDP2
DRIVER
HIGH
OUT2
BOOT2
TDA8950TH
(TDA8950J)
BOOT1
DRIVER
LOW
SWITCH1
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
MANAGER
OSCILLATOR
TEMPERATURE SENSOR
CURRENT PROTECTION
VOLTAGE PROTECTION
STABI
MODE
INPUT
STAGE
mute
9 (3)
8 (2)
IN1M
IN1P
22 (15)
21 (14)
20 (13)
17 (11)
16 (10)
15 (9)
VSSP2
VSSP1
DRIVER
HIGH
DRIVER
LOW
SWITCH2
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
11 (5)
n.c.
7 (1)
OSC
2 (19)
SGND
6 (23)
MODE
INPUT
STAGE
mute
5 (22)
4 (21)
IN2M
IN2P
19 (-)
24 (17)
VSSD
n.c.
1 (18)
VSSA
12 (6)
n.c.
3 (20)
VDDA
10 (4)
n.c.
23 (16)
13 (7)
18 (12)
14 (8)
VDDP2
PROT
STABI
VDDP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com