Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 28Page - NXP Semiconductors TDA8950 Datasheet HTML 29Page - NXP Semiconductors TDA8950 Datasheet HTML 30Page - NXP Semiconductors TDA8950 Datasheet HTML 31Page - NXP Semiconductors TDA8950 Datasheet HTML 32Page - NXP Semiconductors TDA8950 Datasheet HTML 33Page - NXP Semiconductors TDA8950 Datasheet HTML 34Page - NXP Semiconductors TDA8950 Datasheet HTML 35Page - NXP Semiconductors TDA8950 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
32 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
VP = ±35 V, Vi = 2 V (rms), fosc = 325 kHz
(1) OUT2, 8
Ω
(2) OUT2, 6
Ω
(3) OUT2, 4
Ω
Fig 28. Mute attenuation as function of frequency
001aai713
f (Hz)
10
105
104
102
103
−70
−80
−60
−50
αmute
(dB)
−90
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com