Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 8Page - NXP Semiconductors TDA8950 Datasheet HTML 9Page - NXP Semiconductors TDA8950 Datasheet HTML 10Page - NXP Semiconductors TDA8950 Datasheet HTML 11Page - NXP Semiconductors TDA8950 Datasheet HTML 12Page - NXP Semiconductors TDA8950 Datasheet HTML 13Page - NXP Semiconductors TDA8950 Datasheet HTML 14Page - NXP Semiconductors TDA8950 Datasheet HTML 15Page - NXP Semiconductors TDA8950 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
12 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
9.
Limiting values
10. Thermal characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VP
supply voltage
non-operating mode; VDD − VSS
-90
V
IORM
repetitive peak
output current
maximum output current limiting
9.2
-
A
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
150
°C
VMODE
voltage on pin
MODE
referenced to SGND
0
6
V
VOSC
voltage on pin OSC
0
SGND
+ 6
V
VI
input voltage
referenced to SGND; pin IN1P; IN1M;
IN2P and IN2M
−5+5
V
VPROT
voltage on pin PROT referenced to voltage on pin VSSD
0
12
V
Vesd
electrostatic
discharge voltage
Human Body Model (HBM);
pin VSSP1 with respect to other pins
−1800 +1800 V
HBM; all other pins
−2000 +2000 V
Machine Model (MM); all pins
−200
+200
V
Charged Device Model (CDM)
−500
+500
V
Iq(tot)
total quiescent
current
Operating mode; no load; no filter; no
RC-snubber network connected
-75
mA
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case
1.1
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com