Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8950 Datasheet HTML 1Page - NXP Semiconductors TDA8950 Datasheet HTML 2Page - NXP Semiconductors TDA8950 Datasheet HTML 3Page - NXP Semiconductors TDA8950 Datasheet HTML 4Page - NXP Semiconductors TDA8950 Datasheet HTML 5Page - NXP Semiconductors TDA8950 Datasheet HTML 6Page - NXP Semiconductors TDA8950 Datasheet HTML 7Page - NXP Semiconductors TDA8950 Datasheet HTML 8Page - NXP Semiconductors TDA8950 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
5 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
7.2 Pin description
8.
Functional description
8.1 General
The TDA8950 is a two-channel audio power amplifier using class-D technology.
The audio input signal is converted into a digital pulse width modulated signal via an
analog input stage and PWM modulator, see Figure 1. To enable the output power
transistors to be driven, this digital PWM signal is applied to a control and handshake
block and driver circuits for both the high side and low side. In this way a level shift is
performed from the low power digital PWM signal (at logic levels) to a high power PWM
signal that switches between the main supply lines.
A 2nd-order low-pass filter converts the PWM signal to an analog audio signal across the
loudspeakers.
Table 3.
Pin description
Symbol
Pin
Description
TDA8950TH TDA8950J
VSSA
1
18
negative analog supply voltage
SGND
2
19
signal ground
VDDA
3
20
positive analog supply voltage
IN2M
4
21
negative audio input for channel 2
IN2P
5
22
positive audio input for channel 2
MODE
6
23
mode selection input: Standby, Mute or Operating
mode
OSC
7
1
oscillator frequency adjustment or tracking input
IN1P
8
2
positive audio input for channel 1
IN1M
9
3
negative audio input for channel 1
n.c.
10
4
not connected
n.c.
11
5
not connected
n.c.
12
6
not connected
PROT
13
7
decoupling capacitor for protection (OCP)
VDDP1
14
8
positive power supply voltage for channel 1
BOOT1
15
9
bootstrap capacitor for channel 1
OUT1
16
10
PWM output from channel 1
VSSP1
17
11
negative power supply voltage for channel 1
STABI
18
12
decoupling of internal stabilizer for logic supply
n.c.
19
-
not connected
VSSP2
20
13
negative power supply voltage for channel 2
OUT2
21
14
PWM output from channel 2
BOOT2
22
15
bootstrap capacitor for channel 2
VDDP2
23
16
positive power supply voltage for channel 2
VSSD
24
17
negative digital supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com