Electronic Components Datasheet Search
  English  ▼

X  

TDA8950 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8950
Description  2 X 150 W class-D power amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8950 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8950 Datasheet HTML 12Page - NXP Semiconductors TDA8950 Datasheet HTML 13Page - NXP Semiconductors TDA8950 Datasheet HTML 14Page - NXP Semiconductors TDA8950 Datasheet HTML 15Page - NXP Semiconductors TDA8950 Datasheet HTML 16Page - NXP Semiconductors TDA8950 Datasheet HTML 17Page - NXP Semiconductors TDA8950 Datasheet HTML 18Page - NXP Semiconductors TDA8950 Datasheet HTML 19Page - NXP Semiconductors TDA8950 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
TDA8950_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 9 September 2008
16 of 39
NXP Semiconductors
TDA8950
2
× 150 W class-D power amplifier
12.3 Mono BTL application characteristics
[1]
RsL is the series resistance of inductor of low-pass LC filter in the application.
[2]
Output power is measured indirectly; based on RDSon measurement. See also Section 13.3.
[3]
Total harmonic distortion is measured in a bandwidth of 22 Hz to 20 kHz, using an AES17 20 kHz brickwall
filter. Maximum limit is guaranteed but may not be 100 % tested.
[4]
Vripple = Vripple(max) = 2 V (p-p); Rs = 0 Ω.
[5]
B = 22 Hz to 20 kHz, using an AES17 20 kHz brickwall filter. Low noise due to BD modulation.
[6]
B = 22 Hz to 20 kHz, using an AES17 20 kHz brickwall filter; independent of Rs.
[7]
Vi = Vi(max) = 1 V (RMS); fi = 1 kHz.
Table 10.
Dynamic characteristics
VP = ±35 V; RL = 8 Ω; fi = 1 kHz; fosc = 345 kHz; RsL < 0.1 Ω [1]; Tamb = 25 °C; unless otherwise
specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Po
output power
L = 22
µH; C = 680 nF;
Tj =85 °C; RL =8 Ω
[2]
THD = 10 %; VP = ±39 V
-
340
-
W
THD = 10 %; VP = ±37 V
-
300
-
W
THD = 0.5 %; VP = ±37 V
-
200
-
W
THD
total harmonic
distortion
Po = 1 W; fi = 1 kHz
[3] -
0.05
-
%
Po = 1 W; fi = 6 kHz
[3] -
0.05
-
%
Gv(cl)
closed-loop voltage
gain
-36
-
dB
SVRR
supply voltage ripple
rejection
between pin VDDPn and
SGND
operating; fi = 100 Hz
[4] -80
-
dB
operating; fi = 1 kHz
[4] -80
-
dB
mute; fi = 100 Hz
[4] -95
-
dB
standby; fi = 100 Hz
[4] -
120
-
dB
between pin VSSPn and
SGND
operating; fi = 100 Hz
[4] -75
-
dB
operating; fi = 1 kHz
[4] -75
-
dB
mute; fi = 100 Hz
[4] -90
-
dB
standby; fi = 100 Hz
[4] -
130
-
dB
Zi
input impedance
measured between the input
pins and SGND
45
63
-
k
Ω
Vn(o)
output noise voltage
operating; Rs =0 Ω
[5] -
190
-
µV
mute
[6] -45
-
µV
αmute
mute attenuation
fi = 1 kHz; Vi = 2 V (RMS)
[7] -82
-
dB
CMRR
common mode
rejection ratio
Vi(CM) = 1 V (RMS)
-
75
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com