Electronic Components Datasheet Search
  English  ▼

X  

AT24C01B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C01B Datasheet HTML 1Page - ATMEL Corporation AT24C01B Datasheet HTML 2Page - ATMEL Corporation AT24C01B Datasheet HTML 3Page - ATMEL Corporation AT24C01B Datasheet HTML 4Page - ATMEL Corporation AT24C01B Datasheet HTML 5Page - ATMEL Corporation AT24C01B Datasheet HTML 6Page - ATMEL Corporation AT24C01B Datasheet HTML 7Page - ATMEL Corporation AT24C01B Datasheet HTML 8Page - ATMEL Corporation AT24C01B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
3
5
4
SCL
GND
SDA
WP
VCC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
A2
GND
VCC
WP
SCL
SDA
A0
A1
A2
GND
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
8-ball dBGA2
8-lead Ultra Thin Mini-MAP (MLP 2x3)
8-lead PDIP
5-lead SOT23
Bottom View
Bottom View
8-lead TSSOP
Features
• Low-voltage and Standard-voltage Operation
– 1.8 (VCC = 1.8V to 5.5V)
• Internally Organized 128 x 8 (1K)
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility
• Write Protect Pin for Hardware Data Protection
• 8-byte Page (1K) Write Modes
• Partial Page Writes Allowed
• Self-timed Write Cycle (5 ms max)
• High-reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
• 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 5-lead SOT23,
8-lead TSSOP and 8-ball dBGA2 Packages
• Lead-free/Halogen-free
• Die Sales: Wafer Form and Tape and Reel
Description
The AT24C01B provides 1024 bits of serial electrically erasable and programmable
read-only memory (EEPROM) organized as 128 words of 8 bits each. The device is
optimized for use in many industrial and commercial applications where low-power
and low-voltage operation are essential. The AT24C01B is available in space-saving
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 5-lead
SOT23, 8-lead TSSOP, and 8-ball dBGA2 packages and is accessed via a Two-wire
serial interface. In addition, the AT24C01B is available in 1.8V (1.8V to 5.5V) version.
Table 0-1.
Pin Configuration
Pin Name
Function
A0 - A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
Two-wire
Serial EEPROM
1K (128 x 8)
AT24C01B
5156E–SEEPR–10/08


Similar Part No. - AT24C01B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B Datasheet
506Kb / 21P
Two-wire Serial EEPROM
AT24C01B ATMEL-AT24C01B Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B-TP25-B ATMEL-AT24C01B-TP25-B Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B-TP25-T ATMEL-AT24C01B-TP25-T Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C01BN-SP25-B ATMEL-AT24C01BN-SP25-B Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
More results

Similar Description - AT24C01B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
Renesas Technology Corp
HN58W241000I RENESAS-HN58W241000I Datasheet
143Kb / 21P
Two-wire serial interface 1M EEPROM (128-kword x 8-bit)
logo
ATMEL Corporation
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT24HC02B ATMEL-AT24HC02B_08 Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
Two-wire Serial EEPROM 1M (131,072 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
Two-wire Serial EEPROM 4K (512 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com