Electronic Components Datasheet Search
  English  ▼

X  

AT24C01B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C01B Datasheet HTML 1Page - ATMEL Corporation AT24C01B Datasheet HTML 2Page - ATMEL Corporation AT24C01B Datasheet HTML 3Page - ATMEL Corporation AT24C01B Datasheet HTML 4Page - ATMEL Corporation AT24C01B Datasheet HTML 5Page - ATMEL Corporation AT24C01B Datasheet HTML 6Page - ATMEL Corporation AT24C01B Datasheet HTML 7Page - ATMEL Corporation AT24C01B Datasheet HTML 8Page - ATMEL Corporation AT24C01B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
5156E–SEEPR–10/08
AT24C01B
1.
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM
device and negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open-collector
devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address inputs
that are hard wired for the AT24C01B. As many as eight 1K devices may be addressed on a sin-
gle bus system (device addressing is discussed in detail under the Device Addressing section).
WRITE PROTECT (WP): The AT24C01B has a write protect pin that provides hardware data
protection. The write protect pin allows normal read/write operations when connected to ground
(GND). When the write protect pin is connected to V
CC, the write protection feature is enabled
and operates as shown in Table 1-1.
Table 1-1.
Write Protect
2.
Memory Organization
AT24C01B, 1K SERIAL EEPROM: Internally organized with 16 pages of 8 bytes each, the 1K
requires an 7-bit data word address for random word addressing. (See Figure 8-2 on page 10)
WP Pin
Status
Part of the Array Protected
24C01B
At V
CC
Full (1K) Array
At GND
Normal Read/Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com