Electronic Components Datasheet Search
  English  ▼

X  

AT24C01B Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT24C01B Datasheet HTML 11Page - ATMEL Corporation AT24C01B Datasheet HTML 12Page - ATMEL Corporation AT24C01B Datasheet HTML 13Page - ATMEL Corporation AT24C01B Datasheet HTML 14Page - ATMEL Corporation AT24C01B Datasheet HTML 15Page - ATMEL Corporation AT24C01B Datasheet HTML 16Page - ATMEL Corporation AT24C01B Datasheet HTML 17Page - ATMEL Corporation AT24C01B Datasheet HTML 18Page - ATMEL Corporation AT24C01B Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
5156E–SEEPR–10/08
AT24C01B
8-SOIC
Seal Year
TOP MARK
|
Seal Week
|
|
|
|---|---|---|---|---|---|---|---|
A
T
M
L
H
Y
W
W
|---|---|---|---|---|---|---|---|
0
1
B
1
|---|---|---|---|---|---|---|---|
*
Lot Number
|---|---|---|---|---|---|---|---|
|
Pin 1 Indicator (Dot)
H = Material Set
Y = Seal Year
WW = Seal Week
01B = Device
1 = Voltage Indicator
*Lot Number to Use ALL Characters in Marking
BOTTOM MARK
No Bottom Mark
8-TSSOP
TOP MARK
Pin 1 Indicator (Dot)
|
|---|---|---|---|
* H Y W W
|---|---|---|---|---|
0 1 B
1
|---|---|---|---|---|
H = Material Set
Y = Seal Year
WW = Seal Week
01B = Device
1 = Voltage Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com