Electronic Components Datasheet Search
  English  ▼

X  

AT24C01B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C01B Datasheet HTML 9Page - ATMEL Corporation AT24C01B Datasheet HTML 10Page - ATMEL Corporation AT24C01B Datasheet HTML 11Page - ATMEL Corporation AT24C01B Datasheet HTML 12Page - ATMEL Corporation AT24C01B Datasheet HTML 13Page - ATMEL Corporation AT24C01B Datasheet HTML 14Page - ATMEL Corporation AT24C01B Datasheet HTML 15Page - ATMEL Corporation AT24C01B Datasheet HTML 16Page - ATMEL Corporation AT24C01B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
5156E–SEEPR–10/08
AT24C01B
Notes:
1. “-B” denotes bulk.
2. “-T” denotes tape and reel. SOIC = 4K per reel. TSSOP, Ultra Thin Mini MAP, SOT 23 and dBGA2 = 5K per reel.
3.Available in tape and reel and wafer form; order as SL788 for inkless wafer form. Please contact Serial Interface Marketing.
AT24C01B Ordering Information
Ordering Code
Package
Voltage
Range
Operation Range
AT24C01B-PU (Bulk form only)
8P3
1.8V to 5.5V
Lead-free/Halogen-free/
Industrial Temperature
(–40
°C to 85°C)
AT24C01BN-SH-B(1) (NiPdAu Lead Finish)
8S11.8V to 5.5V
AT24C01BN-SH-T(2) (NiPdAu Lead Finish)
8S11.8V to 5.5V
AT24C01B-TH-B(1) (NiPdAu Lead Finish)
8A2
1.8V to 5.5V
AT24C01B-TH-T(2) (NiPdAu Lead Finish)
8A2
1.8V to 5.5V
AT24C01BY6-YH-T(2) (NiPdAu Lead Finish)
8Y6
1.8V to 5.5V
AT24C01B-TSU-T(2)
5TS11.8V to 5.5V
AT24C01BU3-UU-T(2)
8U3-1
1.8V to 5.5V
AT24C01B-W-11(3)
Die Sale
1.8V to 5.5V
Industrial Temperature
(–40
°C to 85°C)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP)
8Y6
8-lead, 2.0 mm x 3.00 mm Body, 0.50 mm Pitch, Ultra Thin Mini-MAP, Dual No Lead Package (DFN), (MLP 2x3 mm)
5TS1
5-lead, 2.90 mm x 1.60 mm Body, Plastic Thin Shrink Small Outline Package (SOT23)
8U3-1
8-ball, die Ball Grid Array Package (dBGA2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com