Electronic Components Datasheet Search
  English  ▼

X  

AT24C01B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C01B Datasheet HTML 6Page - ATMEL Corporation AT24C01B Datasheet HTML 7Page - ATMEL Corporation AT24C01B Datasheet HTML 8Page - ATMEL Corporation AT24C01B Datasheet HTML 9Page - ATMEL Corporation AT24C01B Datasheet HTML 10Page - ATMEL Corporation AT24C01B Datasheet HTML 11Page - ATMEL Corporation AT24C01B Datasheet HTML 12Page - ATMEL Corporation AT24C01B Datasheet HTML 13Page - ATMEL Corporation AT24C01B Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
5156E–SEEPR–10/08
AT24C01B
8.
Read Operations
Read operations are initiated the same way as write operations with the exception that the
read/write select bit in the device address word is set to one. There are three read operations:
current address read, random address read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last
address accessed during the last read or write operation, incremented by one. This address
stays valid between operations as long as the chip power is maintained. The address “roll over”
during read is from the last byte of the last memory page to the first byte of the first page. The
address “roll over” during write is from the last byte of the current page to the first byte of the
same page.
Once the device address with the read/write select bit set to one is clocked in and acknowledged
by the EEPROM, the current address data word is serially clocked out. The microcontroller does
not respond with an input zero but does generate a following stop condition (see Figure 8-4 on
page 11).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data
word address. Once the device address word and data word address are clocked in and
acknowledged by the EEPROM, the microcontroller must generate another start condition. The
microcontroller now initiates a current address read by sending a device address with the
read/write select bit high. The EEPROM acknowledges the device address and serially clocks
out the data word. The microcontroller does not respond with a zero but does generate a follow-
ing stop condition (see Figure 8-5 on page 11).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a ran-
dom address read. After the microcontroller receives a data word, it responds with an
acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment
the data word address and serially clock out sequential data words. When the memory address
limit is reached, the data word address will “roll over” and the sequential read will continue. The
sequential read operation is terminated when the microcontroller does not respond with a zero
but does generate a following stop condition (see Figure 8-6 on page 12).
Figure 8-1.
Device Address
Figure 8-2.
Byte Write
1K
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com