Electronic Components Datasheet Search
  English  ▼

X  

AT24C01B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24C01B Datasheet HTML 17Page - ATMEL Corporation AT24C01B Datasheet HTML 18Page - ATMEL Corporation AT24C01B Datasheet HTML 19Page - ATMEL Corporation AT24C01B Datasheet HTML 20Page - ATMEL Corporation AT24C01B Datasheet HTML 21Page - ATMEL Corporation AT24C01B Datasheet HTML 22Page - ATMEL Corporation AT24C01B Datasheet HTML 23Page - ATMEL Corporation AT24C01B Datasheet HTML 24Page - ATMEL Corporation AT24C01B Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
5156E–SEEPR–10/08
AT24C01B
11. 8Y6 - Mini Map
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8Y6, 8-lead 2.0 x 3.0 mm Body, 0.50 mm Pitch, Utlra Thin Mini-Map,
Dual No Lead Package (DFN) ,(MLP 2x3)
D
8Y6
10/16/07
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing MO-229, for proper dimensions,
tolerances, datums, etc.
2. Dimension b applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the terminal tip. If the
terminal has the optional radius on the other end of the terminal, the dimension should not be measured in that radius area.
3.
Soldering the large thermal pad is optional, but not recommended. No electrical connection is accomplished to the
device through this pad, so if soldered it should be tied to ground
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
D
2.00 BSC
E
3.00 BSC
D2
1.40
1.50
1.60
E2
-
-
1.40
A
-
-
0.60
A1
0.0
0.02
0.05
A2
-
-
0.55
A3
0.20 REF
L
0.20
0.30
0.40
e
0.50 BSC
b
0.20
0.25
0.30
2
A2
A2
b
(8X)
(8X)
Pin 1 ID
Pin 1 ID
Pin 1
Pin 1
Index
Index
Area
Area
A1
A1
A3
A3
D
A
L (8X)
L (8X)
e (6X)
e (6X)
1.50 REF.
1.50 REF.
D2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com