Electronic Components Datasheet Search
  English  ▼

X  

AT24C01B Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM 1K (128 x 8)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT24C01B Datasheet HTML 13Page - ATMEL Corporation AT24C01B Datasheet HTML 14Page - ATMEL Corporation AT24C01B Datasheet HTML 15Page - ATMEL Corporation AT24C01B Datasheet HTML 16Page - ATMEL Corporation AT24C01B Datasheet HTML 17Page - ATMEL Corporation AT24C01B Datasheet HTML 18Page - ATMEL Corporation AT24C01B Datasheet HTML 19Page - ATMEL Corporation AT24C01B Datasheet HTML 20Page - ATMEL Corporation AT24C01B Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
5156E–SEEPR–10/08
AT24C01B
ULTRA THIN MINI MAP
TOP MARK
|---|---|---|
0
1
B
|---|---|---|
H
1
|---|---|---|
Y
T
C
|---|---|---|
*
|
Pin 1 Indicator (Dot)
01B = Device
H = Material Set
1 = Voltage Indicator
Y = Year of Assembly
TC = Trace Code
dBGA2
TOP MARK
LINE 1------->
01BU
LINE 2------->
YMTC
|<--
Pin 1 This Corner
01B = Device
U = Material Set
Y = One Digit Year Code
M = Seal Month
TC = Trace Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com