Electronic Components Datasheet Search
  English  ▼

X  

SC908 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC908
Description  Power Management IC for Single-Cell Li-Ion Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC908 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC908 Datasheet HTML 18Page - Semtech Corporation SC908 Datasheet HTML 19Page - Semtech Corporation SC908 Datasheet HTML 20Page - Semtech Corporation SC908 Datasheet HTML 21Page - Semtech Corporation SC908 Datasheet HTML 22Page - Semtech Corporation SC908 Datasheet HTML 23Page - Semtech Corporation SC908 Datasheet HTML 24Page - Semtech Corporation SC908 Datasheet HTML 25Page - Semtech Corporation SC908 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
SC908
22
Applications Information (continued)
The fault modes signaled by FLTB are:
input over-voltage
battery NTC temperature out of range
pre-charge timeout.
charger-only over-temperature (low OT, post-
termination only)
•
•
•
•
When any of these conditions occurs the FLTB output goes
low; otherwise it remains high impedance.
The LBATB output is active when the battery voltage is
below the low-battery warning voltage, V
WARN
, if the charg-
ing adapter is absent. If CPB and CHRGB outputs are both
active, LBATB indicates when the charger is in precharge
mode. However, LBATB and FLTB active together always
Table 3 — Status Output State, Charging Adapter Present
Status Pins
Output State
(on = low)
Conditions
Description
and
Comments
Adapter
Voltage
(mutually
exclusive)
Battery
Voltage
(mutually
exclusive)
EN_NTC
(mutually
exclusive)
Charging State,
Charging Faults
(Internal signals)
on = open drain output driver is active
off = output is not active
T = listed condition is true
F = listed condition is false
- = don’t care
Blank = mutually exclusive with another condition
on
off
off
off
TT
T-
-
-
-
F
V
VAD
valid, Charger Disable/Reset OR
Charging Done (Die Temperature OK)
F-
-
F
F
F
F
on
off
off
on
T
T
T
--
-
-
F
V
VAD
valid and Low Battery Warning,
Charger Disable/Reset OR
Charge Cycle Pending (about to begin)
T
on
off
on
off
T-
-
F
T-
F-
-
F
V
VAD
valid,
Battery Temperature Fault OR
Charger Over-Temp Fault (Die Temp > T
CHRGR_OT
)
TT
on
off
on
on
T
T
T-
-
-
-
F
V
VAD
valid, Low Battery Detected, with either
Charger Disable/Reset OR
Battery Temperature Fault OR
Charger Over-Temp Fault OR
BAT short-to-ground
T-
-
-
-
TT
-
F
F
F-
-
-
T
-
-
on
on
off
off
T-
-
F
T
-
F
F
T
F
V
VAD
valid, Pre-termination Charging,
Battery Voltage > V
DET
on
on
off
on
T
-
-
F
T
F
F
T
T
F
V
VAD
valid, Pre-Charging (trickle charging),
Battery Voltage > V
DET
on
on
on
off
T-
-
F
T
T
F
T
T
F
V
VAD
valid, Pre-Charging with Charger Over-Temp
Fault, Battery Voltage > V
DET
on
on
on
on
T
T
T
-
F
-
T
F
V
VAD
valid, Battery Voltage < V
DET
Pre-Charging or Pre-Termination Charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com