| Electronic Components Datasheet Search |
|
SC908 Datasheet(PDF) 28 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC908 Datasheet(HTML) 28 Page - Semtech Corporation |
|
28 / 30 page ![]() SC908 28 Applications Information (continued) a few volts of bias. This is especially true of inexpensive dielectrics. Insufficient SVOUT capacitance can cause rapid decay of output voltage between PSAVE bursts, resulting in poor low-load efficiency, PSAVE/PWM mode cycling, and other erratic behaviors. Switcher Grounding and PCB Layout Consider- ations Poor layout can degrade the performance of the DC-DC converter and can contribute to EMI problems, ground bounce and resistive voltage losses. Poor regulation and instability can result. A few simple design rules can be implemented to ensure good layout: Place the inductor and filter capacitors as close to the device as possible and use short wide traces between the power components. Route the output voltage feedback path away from the inductor and LX node to minimize noise and magnetic interference. Maximize ground metal on the component side to improve the return connection and thermal dissipation. Separation between the SLX node and GND should be maintained to avoid cou- pling of switching noise to the ground plane. Use a ground plane with several vias connecting to the component side ground to further reduce noise interference on sensitive circuit nodes. • • • • Charger Grounding and PCB Layout Consider- ations While layout for linear devices is generally not as critical as for a switching application, careful attention to detail will ensure reliable operation. Attaching the part to a larger copper footprint will enable better heat transfer from the device, especially on PCBs with internal ground and power planes. Place the input, output and bypass capacitors close to the device for optimal transient response and device behavior. Connect all ground connections directly to the ground plane. If there is no ground plane, connect to a common local ground point before connecting to board ground. The DGND pin and PGND pin should be con- nected directly to the PCB ground plane as close to the part as possible. The thermal pad should be connected to the ground plane with thermal vias under the SC908. The nodes indicated as AGND in the Block Diagram should be connected together and to the AGND pin. The AGND pin should be tied to the DGND pin at a single point close to the SC908. Route the BSEN trace directly to the battery posi- tive terminal connection on the PCB. • • • • • • |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |