Electronic Components Datasheet Search
  English  ▼

X  

SC908 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC908
Description  Power Management IC for Single-Cell Li-Ion Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC908 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC908 Datasheet HTML 19Page - Semtech Corporation SC908 Datasheet HTML 20Page - Semtech Corporation SC908 Datasheet HTML 21Page - Semtech Corporation SC908 Datasheet HTML 22Page - Semtech Corporation SC908 Datasheet HTML 23Page - Semtech Corporation SC908 Datasheet HTML 24Page - Semtech Corporation SC908 Datasheet HTML 25Page - Semtech Corporation SC908 Datasheet HTML 26Page - Semtech Corporation SC908 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SC908
23
Applications Information (continued)
indicates that the battery voltage is below the low-battery
detect threshold, V
DET
. Table 3 gives a comprehensive
description of all combinations of status output states
while the adapter input is valid for charging.
Exceptions to these charging conditions occur when
certain events happen in combination. Table 4 describes
status condition exceptions. These exceptions include
V
VAD
> OVP threshold; a high over temperature condition,
in which device temperature exceeds the higher of two
over-temperature thresholds, causing charging and both
regulators to be disabled; a precharge timeout, which
may indicate a faulty battery.
VSYS pin
The voltage of the VSYS pin is regulated from the VAD input
and is present only when VAD is powered. VSYS provides
an external voltage reference and supply for the NTC
network, and a pull-up supply voltage for the CPB status
indicator. A capacitor of at least 0.1uF should be con-
nected from VSYS to ground near the pin.
The load on VSYS should not exceed 5mA. If CHRGB is
used to operate an indicator LED, it is recommended that
the CHRGB status pin be pulled up to the battery or to a
battery-powered regulated supply. Since CHRGB is
asserted only while charging the battery, the current sunk
by CHRGB will be sourced by the charger output and will
not discharge the battery.
Because VSYS is powered from VAD, it is unsuitable as a
pullup source for the FLTB and LBATB status pins. These
status pins must be powered from the battery or battery-
powered regulated supply to function as battery level
indicators when the charging adapter is not present.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R and
X7R dielectric material types are recommended. The BAT
pin capacitor, C
BAT
, range is 1μF to 22μF. This capacitor
functions as both the charger output capacitor and as the
switching regulator input capacitor. The VAD pin input
capacitor C
VAD
is typically between 0.1μF to 2.2μF; however,
larger values will not degrade performance.
Status Pins Out-
put State
(on = low)
Conditions
Description
and
Comments
Adapter
Voltage
(mutually
exclusive)
Battery
Voltage
(mutually
exclusive)
EN_NTC
(mutually
exclusive)
Charging State,
Charging Faults
(Internal signals)
on = open drain output driver is active
off = output is not active
T = listed condition is true
F = listed condition is false
- = don’t care
Blank = mutually exclusive with another
condition
off
off
on
off
T
T
-
-
---
-
-
F
VAD Overvoltage,
Battery Voltage Good or Warning
T
off
off
on
on
T
T
-
-
-
-
-
-
-
F
VAD Overvoltage, Low Battery Detect
off
on
on
off
---------
Hi OT
-
-
-
-
High-Over-Temperature Detection (die
temperature > T
OT
; all functions shutdown.)
off
on
on
on
F
-----
F
-
-
-
-
-
-
T
Pre-charge Timeout, NTC Not Disable,
Adapter Voltage Good or OVP
Table 4 — Status Output State, Exception Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com