Electronic Components Datasheet Search
  English  ▼

X  

SC908 Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC908
Description  Power Management IC for Single-Cell Li-Ion Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC908 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC908 Datasheet HTML 21Page - Semtech Corporation SC908 Datasheet HTML 22Page - Semtech Corporation SC908 Datasheet HTML 23Page - Semtech Corporation SC908 Datasheet HTML 24Page - Semtech Corporation SC908 Datasheet HTML 25Page - Semtech Corporation SC908 Datasheet HTML 26Page - Semtech Corporation SC908 Datasheet HTML 27Page - Semtech Corporation SC908 Datasheet HTML 28Page - Semtech Corporation SC908 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
SC908
25
Applications Information (continued)
VREF power supply rejection with respect to VAD will be
similar.
The VREF pin is a high impedance source. Any load on
VREF will degrade LDO and switching regulator voltage
accuracy. Note that the 10MΩ impedance of a typical
oscilloscope probe is not large enough to prevent loading
of the VREF pin.
LDO Power Supply Rejection
Power supply rejection must be considered with respect
to two inputs. The buffered bandgap reference is powered
by the greater of two possible sources, V
VSYS
(an internal/
external supply voltage, derived from VAD when present)
and V
BAT
. The LDO is powered from the LVIN pin. PSRR
L
is
defined as the power supply rejection from LVIN to LVOUT
with the reference and reference buffer powered from BAT
as DC voltage. The reference voltage VREF power supply
rejection specification (PSRR
REF
) is with respect to BAT. Any
reference voltage power supply noise or ripple is seen in
the LDO as noise on the LFB reference voltage. This noise
is then gained-up to the output by the reciprocal of the
LFB divider network, or by the gain (1 + R
L1
/R
L2
).
In the special case V
LVIN
= V
BAT
(the LVIN pin is connected
directly to the battery), the power supply rejection of the
LDO, PSRR
LBAT
, is determined by
20
PSRR
20
PSRR
2
L
1
L
10
LBAT
L
REF
10
10
R
R
1
log
20
PSRR
LDO Current Limit and Short-Circuit Protection
The LDO regulator has current limit circuitry to ensure that
the output current will not damage the device during
output short-circuit to ground, overload, or start-up. The
current limit is guaranteed to be greater than 200mA to
allow fast charging of the output capacitor and for high
transient load currents.
LDO Input and Output Capacitor
A minimum LDO input and output capacitance of 1μF
with a maximum equivalent series resistance (ESR) of less
than 1Ω over temperature is recommended. Increasing
the output capacitance will further reduce output noise
and improve load transient response. A larger input
capacitor will reduce input droop due to load transients,
improving overall load transient response, and may also
improve input supply rejection.
Switching Regulator
The SC908 contains a synchronous step-down Pulse Width
Modulated (PWM), DC-DC converter (also referred to as a
Buck Converter or Switcher) with integrated power
devices. The switching frequency is set nominally to
1MHz, allowing the use of small inductors and capacitors.
The current limit of the internal PMOS switch (I
LIM_P
), allows
a DC output current of at least 150mA with appropriate
external components. For maximum efficiency over the
full load range, the switcher will automatically operate in
Power Save (PSAVE) mode with light loads, and in PWM
(normal switching) mode for heavier loads.
The voltage feedback loop uses an external feedback
divider. An internal synchronous NMOS low side switch is
used. An external Schottky diode on the LX pin is not
required.
Switcher Programmable Output Voltage
The buck converter regulates its output to obtain 0.5V at
the SFB pin. The output can be programmed to any
voltage from 1.0V to 3.0V by an external resistor divider
network from the external circuit node SVOUT to the SFB
pin. The equation for setting the output voltage is
SFB is a high impedance input, therefore the magnitude
of resistances used will be determined by a trade off
between feedback network current and product design
practice. A 25pF feedback capacitor, designated C
SFB
, is
required for stability in PWM mode.
When considering the effect of buck converter load
current on performance specifications, the current flowing
in the feedback divider network should be included in the
load. In most situations, PSAVE mode operation will
require a capacitor from SFB to AGND. Refer to the PSAVE
mode description.
Switcher Power Save (PSAVE) Mode Operation
The PSAVE mode is automatically activated or deactivated
with light to heavy loads, maximizing efficiency across the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com