Electronic Components Datasheet Search
  English  ▼

X  

SC908 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC908
Description  Power Management IC for Single-Cell Li-Ion Devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC908 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC908 Datasheet HTML 20Page - Semtech Corporation SC908 Datasheet HTML 21Page - Semtech Corporation SC908 Datasheet HTML 22Page - Semtech Corporation SC908 Datasheet HTML 23Page - Semtech Corporation SC908 Datasheet HTML 24Page - Semtech Corporation SC908 Datasheet HTML 25Page - Semtech Corporation SC908 Datasheet HTML 26Page - Semtech Corporation SC908 Datasheet HTML 27Page - Semtech Corporation SC908 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
SC908
24
Applications Information (continued)
LDO Regulator
The low-noise low-dropout (LDO) voltage regulator oper-
ates from an LVIN pin input voltage range of 2.2V up to the
battery voltage (V
BAT
), and an output voltage from 1.5V to
3.3V, programmable with external resistors. The SC908
has a VREF bypass pin to enable the user to capacitively
decouple the bandgap reference (10nF recommended)
for very low output noise (50μV
RMS
typically).
The output voltage of the LDO regulator is divided exter-
nally using a resistor divider and compared to the buffered
bandgap voltage, typically 0.75V. The error amplifier
drives the gate of a low R
DS(ON)
P-channel MOSFET pass
device.
Enabling the LDO
The LDO has an independent enable input pin (active
high). The LDO can be enabled only if V
LVIN
≥ VT
LUVLO
, typi-
cally 2.0V, although performance specifications are
guaranteed for V
LVIN
≥ 2.2V. The LDO output will settle to
within 5% of its final value in 0.1ms (typically) when the
bandgap reference buffer has already settled (when the
switching regulator is already enabled, or when the charg-
ing adapter is present). A fast start-up circuit is used to
speed the initial charging time of the VREF pin bypass
capacitor. This is done so that the LDO output voltage will
settle to within 5% of its final value in 0.4ms (typically)
when the LDO is the first resource enabled. When the
battery charger is in its precharge mode of operation
(trickle charging of a deeply discharged battery), the LDO
enable signal will be disregarded until fast-charging
begins (at a battery voltage of 2.8V typically). An excep-
tion occurs when either the LDO or switching regulator
are already enabled. At this time when a charging source
is applied and the charger enters precharge mode, the
LDO will remain enabled (or can become enabled).
Precharge mode is indicated by the status outputs. (Refer
to Table 3.)
The LDO provides active shutdown. The capacitance on
LVOUT will be discharged by an on-chip FET when the
LDO is disabled.
Programming the LDO Output Voltage
The LDO regulates its output to obtain 0.75V at the LFB
pin. The output can be programmed to any voltage from
1.5V to 3.3V by an external resistor divider network from
LVOUT to LFB. The output voltage is set by
LFB is a high impedance input, so large value resistors,
even on the order of 500kΩ, may be used to meet the
noise specification. When considering the effect of LDO
load current on performance specifications, the current
flowing in the feedback divider network should be
included in the load. The LDO is internally compensated.
No feedback capacitor is required for stability.
LDO Dropout
The LDO dropout voltage is the product of the minimum
R
DS(ON)
of the P-channel MOSFET pass device and the LDO
output current. As V
LVIN
decreases, the achievable source-
to-gate voltage of the pass device decreases, so the
minimum achievable R
DS(ON)
becomes larger. This is the
reason for the two-tier dropout specification. Minimum
R
DS(ON)
increases with die temperature, which is affected
not only by LDO power dissipation, but also by switching
regulator and charger power dissipation. The maximum
dropout is specified for a temperature of 85°C.
LDO Reference Voltage
The internal bandgap reference voltage must be exter-
nally bypassed to meet the LDO noise specification. A
10nF ceramic capacitor from the VREF pin to AGND is rec-
ommended to bypass the bandgap reference buffer.
Increasing this capacitor to 100nF will improve power
supply rejection, but at the cost of slower turn-on settling
time. All noise and turn-on settling time specifications
assume that the VREF bypass capacitor is 10nF. Low cost,
low ESR ceramic capacitors such as the X5R and X7R
dielectric material types are recommended.
The bandgap reference is trimmed and buffered to obtain
0.75V typically at the LFB pin with respect to AGND while
the LDO is operating. V
VREF
is the reference voltage for LFB,
so V
VREF
will be equal to V
LFB
within the offset error of the
LDO feedback error amplifier. The bandgap reference and
reference buffer are powered from the greater of V
VSYS
(derived from VAD, when present) and V
BAT
(the battery
voltage). The PSRR
REF
specification is with respect to V
BAT
.
It is evaluated while the charging adapter is not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com