Electronic Components Datasheet Search
  English  ▼

X  

F71806 Datasheet(PDF) 91 Page - Feature Integration Technology Inc.

Part # F71806
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806 Datasheet(HTML) 91 Page - Feature Integration Technology Inc.

Back Button F71806 Datasheet HTML 87Page - Feature Integration Technology Inc. F71806 Datasheet HTML 88Page - Feature Integration Technology Inc. F71806 Datasheet HTML 89Page - Feature Integration Technology Inc. F71806 Datasheet HTML 90Page - Feature Integration Technology Inc. F71806 Datasheet HTML 91Page - Feature Integration Technology Inc. F71806 Datasheet HTML 92Page - Feature Integration Technology Inc. F71806 Datasheet HTML 93Page - Feature Integration Technology Inc. F71806 Datasheet HTML 94Page - Feature Integration Technology Inc. F71806 Datasheet HTML 95Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
July, 2007
V0.26P
89
F71806
1
GPIO1_PUL_MODE
R/W
0
GPIO1 pulse mode:
0: output low pulse when in pulse mode.
1: output high pulse when in pulse mode.
0
GPIO0_PUL_MODE
R/W
0
GPIO0 pulse mode:
0: output low pulse when in pulse mode.
1: output high pulse when in pulse mode.
7.7.2.9
GPIO Pad Type Register
 Index E7h
Bit
Name
R/W Default
Description
7
Reserved
-
-
Reserved.
6
GPIO6_DRV_EN
R/W
0
GPIO6 pad type:
0: open drain.
1: push-pull.
5
GPIO5_DRV_EN
R/W
0
GPIO5 pad type:
0: open drain.
1: push-pull.
4
GPIO4_DRV_EN
R/W
0
GPIO4 pad type:
0: open drain.
1: push-pull.
3
GPIO3_DRV_EN
R/W
0
GPIO3 pad type:
0: open drain.
1: push-pull.
2
GPIO2_DRV_EN
R/W
0
GPIO2 pad type:
0: open drain.
1: push-pull.
1
GPIO1_DRV_EN
R/W
0
GPIO1 pad type:
0: open drain.
1: push-pull.
0
GPIO0_DRV_EN
R/W
0
GPIO0 pad type:
0: open drain.
1: push-pull.
7.7.2.10 GPIO IRQ Enable Register
 Index E8h
Bit
Name
R/W Default
Description
7
Reserved
-
-
Reserved.
6
GPIO6_IRQ_EN
R/W
0
GPIO6 interrupt enable:
0: disable interrupt.
1: assert an interrupt when GPIO6 changed in input mode.
5
GPIO5_IRQ_EN
R/W
0
GPIO5 interrupt enable:
0: disable interrupt.
1: assert an interrupt when GPIO5 changed in input mode.
4
GPIO4_IRQ_EN
R/W
0
GPIO4 interrupt enable:
0: disable interrupt.
1: assert an interrupt when GPIO4 changed in input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com