Electronic Components Datasheet Search
  English  ▼

X  

F71806 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F71806
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F71806 Datasheet HTML 7Page - Feature Integration Technology Inc. F71806 Datasheet HTML 8Page - Feature Integration Technology Inc. F71806 Datasheet HTML 9Page - Feature Integration Technology Inc. F71806 Datasheet HTML 10Page - Feature Integration Technology Inc. F71806 Datasheet HTML 11Page - Feature Integration Technology Inc. F71806 Datasheet HTML 12Page - Feature Integration Technology Inc. F71806 Datasheet HTML 13Page - Feature Integration Technology Inc. F71806 Datasheet HTML 14Page - Feature Integration Technology Inc. F71806 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
July, 2007
V0.26P
9
F71806
O12
Infrared Transmitter Output.
66
IRTX/GPIO16
I/O12t
VCC
General Purpose IO
INts
Infrared Receiver input.
70
IRRX/GPIO30
I/OOD12t
VSB
General Purpose IO. Open drain and drive select by register.
118
DCD1#
INt5V
VCC
Data Carrier Detect. An active low signal indicates the
modem or data set has detected a data carrier.
119
RI1#
INt5V
VCC
Ring Indicator. An active low signal indicates that a ring
signal is being received from the modem or data set.
120
CTS1#
INt5V
VCC
Clear To Send is the modem control input.
121
DTR1#
I/O8t-u47,5V VCC
UART 1 Data Terminal Ready. An active low signal informs
the modem or data set that controller is ready to
communicate. Internal 47k ohms pulled high and disable
after power on strapping.
122
RTS1#
I/O8t-u47,5V VCC
UART 1 Request To Send. An active low signal informs the
modem or data set that the controller is ready to send data.
Internal 47k ohms pulled high and disable after power on
strapping.
123
DSR1#
INt5V
VCC
Data Set Ready. An active low signal indicates the modem
or data set is ready to establish a communication link and
transfer data to the UART.
UART 1 Serial Output. Used to transmit serial data out to
the communication link. Internal 47k ohms pulled high and
disable after power on strapping.
124
SOUT1/
Config4E_2E
I/O8t-u47,5V VCC
Power on strapping : 1 (Default) C
onfiguration register:4E
0 C
onfiguration register:2E
125
SIN1
INt5V
VCC
Serial Input.
Used to receive serial data through the
communication link.
126
DCD2#
INt5V
VCC
Data Carrier Detect.
An active low signal indicates the
modem or data set has detected a data carrier.
127
RI2#
INt5V
VCC
Ring Indicator. An active low signal indicates that a ring
signal is being received from the modem or data set.
128
CTS2#
INt5V
VCC
Clear To Send is the modem control input.
UART 2 Data Terminal Ready. An active low signal informs
the modem or data set that controller is ready to
communicate. Internal 47k ohms pulled high and disable
after power on strapping.
1
DTR2# / RST_DRV I/O8t-u47,5V VCC
Power on strapping : 1 (Default) : pin31/33/34/48/84 OD
0 Drive
UART 2 Request To Send. An active low signal informs the
modem or data set that the controller is ready to send data.
Internal 47k ohms pulled high and disable after power on
strapping.
2
RTS2#/PWM_DC
I/O8t-u47,5V VCC
Power on strapping : 1 (Default) PWM Mode
0 Drive
Linear Mode
3
DSR2#
INt5V
VCC
Data Set Ready. An active low signal indicates the modem
or data set is ready to establish a communication link and
transfer data to the UART.
5
SOUT2
I/O8t-u47,5V VCC
UART 2 Serial Output. Used to transmit serial data out to
the communication link. Internal 47k ohms pulled high and
disable after power on strapping.
6
SIN2
INt5V
VCC
Serial Input.
Used to receive serial data through the
communication link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com