Electronic Components Datasheet Search
  English  ▼

X  

F71806 Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F71806
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806 Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F71806 Datasheet HTML 9Page - Feature Integration Technology Inc. F71806 Datasheet HTML 10Page - Feature Integration Technology Inc. F71806 Datasheet HTML 11Page - Feature Integration Technology Inc. F71806 Datasheet HTML 12Page - Feature Integration Technology Inc. F71806 Datasheet HTML 13Page - Feature Integration Technology Inc. F71806 Datasheet HTML 14Page - Feature Integration Technology Inc. F71806 Datasheet HTML 15Page - Feature Integration Technology Inc. F71806 Datasheet HTML 16Page - Feature Integration Technology Inc. F71806 Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
July, 2007
V0.26P
11
F71806
5.6 H/W Monitor
Pin No.
Pin Name
Type
PWR
Description
ATX Power Good.
95
ATXPG/VIN4
AIN
VCC
Voltage Input 4.
PCI Reset # signal input.
91
PCIRSTIN#/VIN8
AIN
VCC
Voltage Input 8.
92-94,
VIN7~VIN5
AIN
VCC
Voltage Input 7 ~ 5.
96-98
VIN3~VIN1
AIN
VCC
Voltage Input 3 ~ 1.
7
FANIN1
INts
VCC
Fan 1 tachometer input.
8
FAN_CTL1
O12
VCC
Fan 1 control output. This pin provides PWM duty-cycle
output or a voltage output.
9
FANIN2
INts
VCC
Fan 2 tachometer input.
10
FAN_CTL2
O12
VCC
Fan 2 control output. This pin provides PWM duty-cycle
output or a voltage output.
11
FANIN3
INts
VCC
Fan 3 speed input.
12
FAN_CTL3
O12
VCC
Fan 3 control output. This pin provides PWM duty-cycle
output or a voltage output.
87
D3+
AIN
VCC
CPU thermal diode/transistor temperature sensor input.
88
D2+
AIN
VCC
CPU thermal diode/transistor temperature sensor input.
89
D1+
AIN
VCC
CPU thermal diode/transistor temperature sensor input.
90
VREF
AOUT
VCC
Voltage sensor output.
Generated PME event. It supports the PCI PME# interface.
This signal allows the peripheral to request the system to
wake up from the S3 state.
73
PME#/GPIO21
OD12
I/OD12t
VSB
General Purpose IO.
26
GPIO0
I/OOD12t
VCC
General purpose IO.
1. Support Level and Pulse mode output.
2. Open drain and drive select
3. Without input de-bounce.
27
GPIO1
I/OOD12t
VCC
General purpose IO.
1. Support Level and Pulse mode output.
2. Open drain and drive select
3. Without input de-bounce.
28
GPIO2
I/OOD12t
VCC
General purpose IO.
1. Support Level and Pulse mode output.
2. Open drain and drive select
3. Without input de-bounce.
General purpose IO.
1. Support Level and Pulse mode output.
2. Open drain and drive select
3. Without input de-bounce.
Voltage fault indication for VIN1 abnormal event.
29
GPIO3/
Voltage_Fault1#/
IRRX
I/OOD12t
VCC
Infrared Receiver input. (Powered by Vcc)
36
GPIO4/
Voltage_Fault2#/
BEEP
I/OOD12t
VCC
General purpose IO.
1. Support Level and Pulse mode output.
2. Open drain and drive select
3. Without input de-bounce.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com