Electronic Components Datasheet Search
  English  ▼

X  

F71806 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F71806
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F71806 Datasheet HTML 12Page - Feature Integration Technology Inc. F71806 Datasheet HTML 13Page - Feature Integration Technology Inc. F71806 Datasheet HTML 14Page - Feature Integration Technology Inc. F71806 Datasheet HTML 15Page - Feature Integration Technology Inc. F71806 Datasheet HTML 16Page - Feature Integration Technology Inc. F71806 Datasheet HTML 17Page - Feature Integration Technology Inc. F71806 Datasheet HTML 18Page - Feature Integration Technology Inc. F71806 Datasheet HTML 19Page - Feature Integration Technology Inc. F71806 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 109 page
background image
July, 2007
V0.26P
14
F71806
6 Function Description
6.1 Power on Strapping Options
The F71806 provides four pins for power on hardware strapping to select functions. There is a form to describe how to
set the functions you want.
Pin No.
Symbol
Value
Description
1
Pin31/33/34/48/84 will be defined a Open Drain pin. (Default)
1
RST_DRV
0
Pin31/33/34/48/84 will be defined a Drive pin.
1
Fan control mode: PWM mode. ( Default)
2
PWM_DC
0
Fan control mode: Linear mode.
1
Chip selection in configuration 4E. (Default)
124
Config4E_2E
0
Chip selection in configuration 2E.
6.2 ACPI
The Advanced Configuration and Power Interface (ACPI) is a system for controlling the use of power in a
computer. It lets computer manufacturer and user to determine the computer’s power usage dynamically.
There are three ACPI states that are of primary concern to the system designer and they are designated S0,
S3 and S5. S0 is a full-power state; the computer is being actively used in this state. The other two are called
sleep states and reflect different power consumption when power-down. S3 is a state that the processor is
powered down but the last procedural state is being stored in memory which is still active. S5 is a state that
memory is off and the last procedural state of the processor has been stored to the hard disk. Take S3 and S5
as comparison, since memory is fast, the computer can quickly come back to full-power state, the disk is slower
than the memory and the computer takes longer time to come back to full-power state. However, since the
memory is off, S5 draws the minimal power comparing to S0 and S3.
It is anticipated that only the following state transitions may happen:
S0→S3, S0→S5, S5→S0, S3→S0 and S3→S5.
Among them, S3→S5 is illegal transition and won’t be allowed by state machine. It is necessary to enter S0 first
in order to get to S5 from S3. As for transition S5→S3 will occur only as an immediate state during state
transition from S5→S0. It isn’t allowed in the normal state transition.
The below diagram described the timing, the always on and always off, keep last state could be set in
control register. In keep last state mode, one register will keep the status of before power loss. If it is power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com