Electronic Components Datasheet Search
  English  ▼

X  

F71806 Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F71806
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806 Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F71806 Datasheet HTML 17Page - Feature Integration Technology Inc. F71806 Datasheet HTML 18Page - Feature Integration Technology Inc. F71806 Datasheet HTML 19Page - Feature Integration Technology Inc. F71806 Datasheet HTML 20Page - Feature Integration Technology Inc. F71806 Datasheet HTML 21Page - Feature Integration Technology Inc. F71806 Datasheet HTML 22Page - Feature Integration Technology Inc. F71806 Datasheet HTML 23Page - Feature Integration Technology Inc. F71806 Datasheet HTML 24Page - Feature Integration Technology Inc. F71806 Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
July, 2007
V0.26P
19
F71806
RPM
Count
6
10
5
.
1
×
=
In other words, the fan speed counter has been read from register, the fan speed can be evaluated by the
following equation. As for fan, it would be best to use 2 pulses tachmeter output per round.
Count
RPM
6
10
5
.
1
×
=
6.4.4
Fan speed control
The F71806 provides 2 fan speed control methods: 1. Linear FAN Control 2. PWM Duty Cycle
Linear Fan Control
The range of DC output is 0~3.3V, controlled by 8-bit register (CR6Bh for FAN1, CR7Bh for FAN2 and
CR8Bh for FAN3). 1 LSB is about 0.013V. The output DC voltage is amplified by external OP circuit, thus to
reach maximum FAN OPERATION VOLTAGE, 12V.
The output voltage will be given as followed:
255
Value
Register
bit
-
8
Programmed
3
.
3
(V)
tage
Output_vol
×
=
And the suggested application circuit for linear fac control would be:
DC OUTPUT VOLTAGE
R
3.9K
R10K
12V
PMOS
R27K
1
2
3
JP1
CON3
R
10K
D1
1N4148
R
4.7K
C
47u
FANIN MONITOR
C
0.1u
3
2
1
+
-
LM358
DC FAN Control with OP
PWM duty Fan Control
The duty cycle of PWM can be programmed by a 8-bit register which are defined in the CR6Bh, CR7Bh and
CR8Bh. The default duty cycle is set to 100%, that is, the default 8-bit registers is set to FFh. The expression of
duty can be represented as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com