Electronic Components Datasheet Search
  English  ▼

X  

F71806 Datasheet(PDF) 18 Page - Feature Integration Technology Inc.

Part # F71806
Description  Super H/W Monitor LPC IO
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71806 Datasheet(HTML) 18 Page - Feature Integration Technology Inc.

Back Button F71806 Datasheet HTML 14Page - Feature Integration Technology Inc. F71806 Datasheet HTML 15Page - Feature Integration Technology Inc. F71806 Datasheet HTML 16Page - Feature Integration Technology Inc. F71806 Datasheet HTML 17Page - Feature Integration Technology Inc. F71806 Datasheet HTML 18Page - Feature Integration Technology Inc. F71806 Datasheet HTML 19Page - Feature Integration Technology Inc. F71806 Datasheet HTML 20Page - Feature Integration Technology Inc. F71806 Datasheet HTML 21Page - Feature Integration Technology Inc. F71806 Datasheet HTML 22Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
July, 2007
V0.26P
16
F71806
as below:
PCIRST1#
Output buffer of RSTCON# and LRESET#.
PCIRST2#
Output buffer of RSTCON# and LRESET#.
PCIRST3#
Output buffer of RSTCON# and LRESET#.
PCIRST4#
Output buffer of RSTCON#, LRESET# and PCIRSTIN#
PCIRST5#
Output buffer of RSTCON#, LRESET# and PCIRSTIN#
Delay
+3.3V
S3#
ATXPG
RSTCON#
PWROK1/2
RSTCON#
LRESET#
PCIRST1~3#
PCIRSTIN#
PCIRST4~5#
Delay
+3.3V
S3#
ATXPG
RSTCON#
PWROK1/2
RSTCON#
LRESET#
PCIRST1~3#
PCIRSTIN#
PCIRST4~5#
So far as the PWROK issue is as above figure. PWROK is delayed 400ms (default) as VCC arrives 2.8V,
and the delay timing can be programmed by register. (100ms ~ 400ms)
In the figure, the RSTCON# will be implemented by register RSTCON_EN. If RSTCON_EN be set to 0, the
RSTCON# pin will affect PWROK outputs. If RSTCON_EN be set to 1, the RSTCON# pin will affect PCIRST
outputs (Default).
6.4 Hardware Monitor
6.4.1
Analog Input
The F71806 provides 8 pins (8-bit) ADC voltage inputs. These input voltages should be positive and is limited
at range of 0v to 2.048V. The minimum resolution (1-LSB) is 8mV. If the voltage is over this range, the divider
resistor must be added and the divided voltage is also in the range of 0V to 2.048V.
The maximum input voltage of the analog pin is 2.048V because the 8-bit ADC has a 8mv LSB. Really, the
application of the PC monitoring would most often be connected to power suppliers. The voltage range of 0V to
2.048V can be connected to these analog inputs. The 3.3V and VSB5V should be reduced a factor with external
resistors so as to obtain the input range..
There are 8 voltage inputs in the F71806 and the voltage divided formula is shown as follows:
2
1
2
12
R
R
R
V
VIN
V
+
×
=
+
For instance, where
V+12V is the analog input voltage.
If we choose R1=27K, R2=5.1K, the exact input voltage for V+12v will be 1.907V, which is within the
tolerance. As for application circuit, it can be refer to the figure shown as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com