Electronic Components Datasheet Search
  English  ▼

X  

HV623 Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV623
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV623 Datasheet(HTML) 8 Page - Supertex, Inc

Back Button HV623 Datasheet HTML 2Page - Supertex, Inc HV623 Datasheet HTML 3Page - Supertex, Inc HV623 Datasheet HTML 4Page - Supertex, Inc HV623 Datasheet HTML 5Page - Supertex, Inc HV623 Datasheet HTML 6Page - Supertex, Inc HV623 Datasheet HTML 7Page - Supertex, Inc HV623 Datasheet HTML 8Page - Supertex, Inc HV623 Datasheet HTML 9Page - Supertex, Inc HV623 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
12-129
HV623
(b) Detailed Device Timing
t WA
t SS
t HS
DATA
SET 1
DATA
SET 2
DATA
SET 3
DATA
SET 31
DATA
SET 32
t DS
t DH
t WD
t WLC
DSL
t
DATA
SET 1
DATA
SET 31
LOADING LAST DEVICE
NEXT LOADING CYCLE
Chip Select
Input (CSI)
Data
(D1-D7)
Shift Clock
(SC)
Load Count
(LC)
Count Clock
(CC)
R
V
Count
Clock 1
Count
Clock 128
0V
3V
DLCR
t DRCC
t
80V
t CSC
SC 2
SC 16
SC 1
SC 16
WCC
t
CCC
t
SC 1
Typical Performance Curves
Sink Output Characteristics
Source Output Characteristics
VGS Volts
VGS Volts
02
14
35
6
7
8
0
2
14
35
6
7
8
15
12
9
6
3
0
15
12
9
6
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com