Electronic Components Datasheet Search
  English  ▼

X  

HV623 Datasheet(PDF) 10 Page - Supertex, Inc

Part # HV623
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV623 Datasheet(HTML) 10 Page - Supertex, Inc

Back Button HV623 Datasheet HTML 2Page - Supertex, Inc HV623 Datasheet HTML 3Page - Supertex, Inc HV623 Datasheet HTML 4Page - Supertex, Inc HV623 Datasheet HTML 5Page - Supertex, Inc HV623 Datasheet HTML 6Page - Supertex, Inc HV623 Datasheet HTML 7Page - Supertex, Inc HV623 Datasheet HTML 8Page - Supertex, Inc HV623 Datasheet HTML 9Page - Supertex, Inc HV623 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
12-131
HV623
When data has been loaded into all 32 outputs of all chips (top and
bottom of the display panel), the load count pin is pulsed. On its
rising transition, all output levels are reset to zero and all the data
in the input latches is transferred to a like number of comparator
latches, (thus leaving the data latches ready to receive new data
during the following operations). After the transfer, the load count
pin is brought low. This transition begins the events that convert
the binary data into a gray-shade level.
Gray-shade Conversion
1) The COUNT CLOCK is started. An external signal is applied
to the COUNT CLOCK pin, causing the counter on each chip
to increment from binary 000 0000 to 111 1111 (0 to 127).
2) At the same time, the VR voltage is applied to all chips, via
charging transistors, causing the HOLD CAPACITOR (C
H) on
each output to experience a rise in voltage.
3) The logic control compares the count in the comparator latch
to the count clock. The gate voltage of Q1 and the output
voltage HVOUT will ramp up at the same rate as VR.
4) Once VR has reached the maximum voltage, then all the pixels
will be at the final value. (See Output Gray Scale Voltage.)
Output Voltage Variation
The output voltage of the HV623 is determined by the logic and
the ramp voltage V
R. It is possible that the output voltage may be
coupled to an unacceptable level due to its adjacent outputs
through the panel. In order to solve this problem, internal logic
(refer to Output Stage Detail) is integrated in the IC to minimize
the effect.
Two external pins V
CTL and RCTL allow the feasibility to control the
current flowing through Q
2. The VCTL pin is connected to a voltage
source and the R
CTL pin is connected to ground through a resistor
(2V and 56K
Ω are used for a particular panel). The internal bias
circuit will drive the resistor to a voltage level that is equal to the
V
CTL voltage at steady state through an operational amplifier. The
current flowing through Q1 and Q2 will be limited to V
CTRL/RCTRL.
This combination of V
CTL and RCTL will reduce the output voltage
variation to less than
±0.2V of delta voltage for each gray shade,
independent of its adjacent output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com