Electronic Components Datasheet Search
  English  ▼

X  

HV623 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV623
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV623 Datasheet(HTML) 3 Page - Supertex, Inc

  HV623 Datasheet HTML 1Page - Supertex, Inc HV623 Datasheet HTML 2Page - Supertex, Inc HV623 Datasheet HTML 3Page - Supertex, Inc HV623 Datasheet HTML 4Page - Supertex, Inc HV623 Datasheet HTML 5Page - Supertex, Inc HV623 Datasheet HTML 6Page - Supertex, Inc HV623 Datasheet HTML 7Page - Supertex, Inc HV623 Datasheet HTML 8Page - Supertex, Inc HV623 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
12-124
HV623
Option 1
Option 2
V
BIAS
V
CTL
R
CTL
I
PP
V
BIAS
V
CTL
R
CTL
I
PP
(V)
(V)
(
Ω)
(mA)
(V)
(V)
(
Ω)
(mA)
0
0.1
56K
2
-1.0
0
56K
4
0
1.0
56K
7
-2.0
0
56K
5.5
Symbol
Parameter
Min
Typ
Max
Units
Conditions
f
SC
Shift clock operating frequency
10.2
MHz
f
DIN
Data-in frequency
20.4
MHz
t
SS
CSI/CSO pulse to shift clock setup time
40
ns
t
HS
CSI/CSO pulse to shift clock hold time
0
ns
t
WA
CSI pulse width
49
ns
t
DS
Data to shift clock setup time
20
ns
t
DH
Data to shift clock hold time
0
ns
t
WD
Data-in pulse width
24
ns
t
WLC
Load count pulse width
98
ns
t
DLCR
Load count to ramp delay
1
µs
t
DRCC
1
Ramp to count clock delay
0.47
µs
t
DSL
Shift clock to load count delay time
98
ns
t
CSC
Shift clock cycle time
98
ns
t
WSC
Shift clock pulse width
49
ns
t
CCC
Count clock cycle time
98
ns
t
WCC
Count clock pulse width
49
ns
Note 1: Count clock starts counting after 0.47
µs min. This is equivalent to a time duration for a linear ramp V
R to ramp from 0 to 3V, assuming the minimum value of TRR,
ramp size time of 12
µs for V
R = 80V.
AC Characteristics (V
DD = 5.5V, TA = 25°C)
Logic Timing
Electrical Characteristics
V
RAMP Timing
Note 2: The maximum ramp hold time may be longer than 15
µs, but the output voltage HV
OUT will droop due to leakage.
Table 1:
Schemes to control I
PP bias current, typical IPP
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tCR
Cycle time of ramp signal
15
µs
tRR
Ramp rise time
12
µs
tHR
2
Ramp hold time
2
15
µs
tFR
Ramp fall time
TBD
3
µs
HV623
VCTL
VCTL
RCTL
RCTL
VBIAS
-
+
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com