Electronic Components Datasheet Search
  English  ▼

X  

HV623 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV623
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV623 Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV623 Datasheet HTML 2Page - Supertex, Inc HV623 Datasheet HTML 3Page - Supertex, Inc HV623 Datasheet HTML 4Page - Supertex, Inc HV623 Datasheet HTML 5Page - Supertex, Inc HV623 Datasheet HTML 6Page - Supertex, Inc HV623 Datasheet HTML 7Page - Supertex, Inc HV623 Datasheet HTML 8Page - Supertex, Inc HV623 Datasheet HTML 9Page - Supertex, Inc HV623 Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
12-130
HV623
Pin
Function
64-Pin PG Package
Pin
Function
1HV
OUT 1
2HV
OUT 2
3HV
OUT 3
4HV
OUT 4
5HV
OUT 5
6HV
OUT 6
7HV
OUT 7
8HV
OUT 8
9HV
OUT 9
10
HV
OUT 10
11
HV
OUT 11
12
HV
OUT 12
13
HV
OUT 13
14
HV
OUT 14
15
HV
OUT 15
16
HV
OUT 16
17
HVGND
18
V
R
19
V
PP
20
N/C
21
V
DD (Analog)*
22
CSI
Pin Configuration
Pin
Function
23
N/C
24
V
CTL
25
R
CTL
26
SC (Shift Clock)
27
LVGND
28
DIR
29
V
DD (Digital)*
30
D
7
31
D
6
32
D
5
33
D
4
34
D
3
35
D
2
36
D
1
37
N/C
38
LVGND
39
N/C
40
LC (Load Count)
41
N/C
42
CC (Count Clock)
43
CSO
44
N/C
45
V
PP
46
N/C
47
V
R
48
HVGND
49
HV
OUT 17
50
HV
OUT 18
51
HV
OUT 19
52
HV
OUT 20
53
HV
OUT 21
54
HV
OUT 22
55
HV
OUT 23
56
HV
OUT 24
57
HV
OUT 25
58
HV
OUT 26
59
HV
OUT 27
60
HV
OUT 28
61
HV
OUT 29
62
HV
OUT 30
63
HV
OUT 31
64
HV
OUT 32
Package Outlines
* Analog V
DD and digital VDD may be connected
separately for better noise immunity.
3-Sided Plastic QFP 64-pin Gullwing Package
top view
Index
1
24
64
41
25
40
Theory of Operation
The HV623 has two primary functions:
1) Loading data from the data bus and,
2) Gray-shade conversion
(converting latched data to output voltages).
Since the device was developed initially for flat panel displays, the
operation will be described in terms that pertain to that technol-
ogy. As shown by the Typical Drive Scheme, several HV623
packages are mounted at the top and bottom of a display panel.
Data exists on a 7-bit bus (adjacent PC board traces) at top and
bottom. The D1 through D7 inputs of each chip take data from the
bus when either a CSI or CSO pulse is present at the chip. These
pulses therefore act as a combination CHIP SELECT and LOCA-
TION STROBE. Because of the way the chip HVOUT pins are
sequenced, data on the bus at the bottom of the display panel will
be entered into the left-most chip as HV
OUT1, HVOUT2, etc. up to
HVOUT32. The CSI pulse will accomplish this with DIR = High.
Loading Data from Data Bus
Here is the full data-entry sequence:
1) The microcontroller puts data on the bus (7 bits)
2) To enter the data into the 32 sets of 7 latches on the first chip,
the shift clock rises. This positive transition is combined with
the CSI pulse and is generated only once to strobe the data into
the first set of latches. (These latches eventually send data to
the HV
OUT1). The data on the bus then changes, the shift clock
falls, and this negative transition is combined with the CSI
pulse, which is now propagated internally, to strobe the new
data into the next set of 7 latches (which will end up as
HV
OUT2). This internal CSI pulse therefore runs at twice the
shift clock rate.
3) When the last set of 7 latches in the first chip has been loaded
(HVOUT32), the CSI pulse leaves chip 1 and enters chip 2. The
exit pin is called CSO and the chip 2 entry pin is CSI . For chips
at the top of the panel things are reversed: DIR is low, entry pins
are CSO and exit pins are CSI , because the data-into-latches
sequence is in descending order, HVOUT32 down to HVOUT1.
4) The buses may of course be separate, and data can be strobed
in on an interleaved basis, etc., but those complications will be
left to systems designers.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com