Electronic Components Datasheet Search
  English  ▼

X  

HV623 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV623
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV623 Datasheet(HTML) 5 Page - Supertex, Inc

  HV623 Datasheet HTML 1Page - Supertex, Inc HV623 Datasheet HTML 2Page - Supertex, Inc HV623 Datasheet HTML 3Page - Supertex, Inc HV623 Datasheet HTML 4Page - Supertex, Inc HV623 Datasheet HTML 5Page - Supertex, Inc HV623 Datasheet HTML 6Page - Supertex, Inc HV623 Datasheet HTML 7Page - Supertex, Inc HV623 Datasheet HTML 8Page - Supertex, Inc HV623 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
12-126
Functional Block Diagram
Output
Stage
Latches and
Comparators
Latches and
Comparators
Latches and
Comparators
Latches and
Comparators
Load
Count
CC
Clear
Dual
16-bit
Shift Registers
VR
GND
VPP
HVOUT1
Output
Stage
HVOUT2
Data In
Buffers
HVOUT31
VCTL
RCTL
Output
Stage
Counter
Reset
Counter
HVOUT32
Data
Latches
Data
Latches
Data
Latches
Data
Latches
RS
F/F
RS
F/F
RS
F/F
RS
F/F
7
7
7
7
7
7
7
7
7
L/E
L/E
L/E
L/E
Clear
Pulse
Generator
Load
Count
Buffer
Count
Clock
Buffer
SC
SC
SC
Shift
Clock
Buffer
CSI
I/O
Buffers
CC
LC
D1
D7
DIR
CSO
I/O
Buffers
See Output Stage Detail
Output
Stage
1
2
31
32
SC = Shift Clock
LC = Load Count
CC = Count Clock
CSI = Chip Select Input
CSO = Chip Select Output
*Strobe = twice the SC frequency
Logic
70V
HV623
0V
Output
Stage
VR
HVGND
LVGND
VPP = 80V
+
–
HVOUT
1K
Ω V
tst
10K
Ω
+
-
1. Set HV
OUT = Low.
2. Apply V
PP = 80V.
3. Apply a step voltage of 70V at V
R (slew rate = 4.1V/µs).
4. Measure voltage across the 1K
Ω resistor.
5. Output source current can be calculated by using
V
tst
.
1K
Internal
Logic
&
Bias
Circuit
VCTL
RCTL
VR
VPP
CH
Q1
Q2
HVOUT
Test Circuit
High-voltage Analog Output Source Current (I
AOH)
For gray shade #1 (000 0000)
Output Stage Detail
HV623



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com