Electronic Components Datasheet Search
  English  ▼

X  

HV623 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV623
Description  32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV623 Datasheet(HTML) 2 Page - Supertex, Inc

  HV623 Datasheet HTML 1Page - Supertex, Inc HV623 Datasheet HTML 2Page - Supertex, Inc HV623 Datasheet HTML 3Page - Supertex, Inc HV623 Datasheet HTML 4Page - Supertex, Inc HV623 Datasheet HTML 5Page - Supertex, Inc HV623 Datasheet HTML 6Page - Supertex, Inc HV623 Datasheet HTML 7Page - Supertex, Inc HV623 Datasheet HTML 8Page - Supertex, Inc HV623 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
12-123
HV623
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
AOH
High-voltage analog output source current
See Performance Curves
mA
V
PP = 80V
See test circuit
IAOL
High-voltage analog output sink current
See Performance Curves
mA
VPP = 80V, VDD = 4.5V
V
AO = 2V
∆V
O
Maximum delta voltage between high voltage outputs
±0.2
V
At all gray levels
of the same level
Symbol
Parameter
Min
Typ1
Max
Units
Conditions
I
DD
V
DD supply current
12
20
mA
f
SC = 10MHz
fCC = 8MHz
IDDQ
Quiescent VDD supply current
100
µA
All VIN = 0V, VDD = max
IIH
High-level input current
1.0
50
µAV
IH = VDD
IIL
Low-level input current
-1.0
-50
µAV
IL = 0V
CIN
2
Input capacitance (data, LC, SC, CC)
15
pF
VIN = 0V, f = 1MHz
IOH
High-level output current
-2
mA
VDD = 4.5V
IOL
Low-level output current
2
mA
VDD = 4.5V
Notes
1. All typical values are at VDD = 5.0V.
2. Guaranteed by design.
Electrical Characteristics (at T
A = 25°C, over operating conditions unless otherwise specified)
Low-Voltage DC Characteristics (Digital)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IPP
VPP supply current for bias circuit
2
mA
Depending on external
bias circuit, see Table 1.
High-Voltage Bias Circuit for Output Variation Control
High-Voltage DC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IDD
VDD supply current
100
µAf
SC =10MHz
f
CC = 8MHz
I
DDQ
Quiescent V
DD supply current
100
µA
All V
IN = 0V, VDD = max
Low-Voltage DC Characteristics (Analog)
Symbol
Parameter
Min
Typ
Max
Units
V
DD
Low-voltage digital supply voltage
4.5
5.0
5.5
V
VDD
Low-voltage analog supply voltage
4.5
5.0
5.5
V
V
IH
High-level input voltage (analog and digital)
V
DD -1
V
DD
V
V
IL
Low-level input voltage (analog and digital)
0
1
V
VBIAS
IPP control circuit bias voltage
-2
0
V
V
CTL
I
PP control circuit control voltage
0
2
V
VPP
High-voltage supply
-0.3
80
V
VR
Ramp voltage
0
VPP -2
V
f
SC
Shift clock operating frequency (at V
DD = 5.5V)
10.2
MHz
TA
Operating free-air temperature
-40
70
°C
Recommended Operating Conditions
Notes:
Power-up sequence should be the following:
1. Connect ground.
2. Apply VDD.
3. Set all inputs (Data, CLK, Enable, etc.) to a known state.
4. Apply VPP.
Power-down sequence should be the reverse of the above.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com