Electronic Components Datasheet Search
  English  ▼

X  

LT1913 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1913 Datasheet HTML 3Page - Linear Technology LT1913 Datasheet HTML 4Page - Linear Technology LT1913 Datasheet HTML 5Page - Linear Technology LT1913 Datasheet HTML 6Page - Linear Technology LT1913 Datasheet HTML 7Page - Linear Technology LT1913 Datasheet HTML 8Page - Linear Technology LT1913 Datasheet HTML 9Page - Linear Technology LT1913 Datasheet HTML 10Page - Linear Technology LT1913 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT1913
7
1913f
PI FU CTIO S
BD (Pin 1): This pin connects to the anode of the boost
Schottky diode. BD also supplies current to the internal
regulator.
BOOST (Pin 2): This pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
SW (Pin 3): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
VIN (Pin 4): The VIN pin supplies current to the LT1913’s
internal regulator and to the internal power switch. This
pin must be locally bypassed.
RUN/SS (Pin 5): The RUN/SS pin is used to put the
LT1913 in shutdown mode. Tie to ground to shut down
the LT1913. Tie to 2.5V or more for normal operation. If
the shutdown feature is not used, tie this pin to the VIN
pin. RUN/SS also provides a soft-start function; see the
Applications Information section.
SYNC (Pin 6): This is the external clock synchronization
input. Ground this pin when not used. Tie to a clock source
for synchronization. Clock edges should have rise and
fall times faster than 1μs. Do not leave pin floating. See
synchronizing section in Applications Information.
PG (Pin 7): The PG pin is the open collector output of an
internal comparator. PG remains low until the FB pin is
within 9% of the final regulation voltage. PG output is valid
when VIN is above 3.6V and RUN/SS is high.
FB (Pin 8): The LT1913 regulates the FB pin to 0.790V.
Connect the feedback resistor divider tap to this pin.
VC (Pin 9): The VC pin is the output of the internal error
amplifier. The voltage on this pin controls the peak switch
current. Tie an RC network from this pin to ground to
compensate the control loop.
RT (Pin 10): Oscillator Resistor Input. Connecting a resistor
to ground from this pin sets the switching frequency.
Exposed Pad (Pin 11): Ground. The Exposed Pad must
be soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com