Electronic Components Datasheet Search
  English  ▼

X  

LT1913 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1913 Datasheet HTML 2Page - Linear Technology LT1913 Datasheet HTML 3Page - Linear Technology LT1913 Datasheet HTML 4Page - Linear Technology LT1913 Datasheet HTML 5Page - Linear Technology LT1913 Datasheet HTML 6Page - Linear Technology LT1913 Datasheet HTML 7Page - Linear Technology LT1913 Datasheet HTML 8Page - Linear Technology LT1913 Datasheet HTML 9Page - Linear Technology LT1913 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1913
6
1913f
1
10000
10
100
1000
LOAD CURRENT (mA)
5.0
5.5
1913 G21
4.5
4.0
6.5
6.0
VOUT = 5V
TA = 25 °C
L = 4.7μH
f = 600kHz
Minimum Input Voltage
TEMPERATURE (°C)
1.50
2.00
2.50
1913 G22
1.00
0.50
0
CURRENT LIMIT CLAMP
SWITCHING THRESHOLD
–50
25
–25
0
50
75
100
150
125
TEMPERATURE (°C)
85
90
95
1913 G23
80
75
–50
25
–25
0
50
75
100
150
125
1913 G25
IL
0.2A/DIV
VSW
5V/DIV
VOUT
10mV/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 110mA
1μs/DIV
Switching Waveforms;
Discontinuous Operation
Power Good Threshold
1913 G26
IL
0.5A/DIV
VSW
5V/DIV
VOUT
10mV/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 1A
1μs/DIV
Switching Waveforms;
Continuous Operation
VC Voltages
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com