Electronic Components Datasheet Search
  English  ▼

X  

LT1913 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 3 Page - Linear Technology

  LT1913 Datasheet HTML 1Page - Linear Technology LT1913 Datasheet HTML 2Page - Linear Technology LT1913 Datasheet HTML 3Page - Linear Technology LT1913 Datasheet HTML 4Page - Linear Technology LT1913 Datasheet HTML 5Page - Linear Technology LT1913 Datasheet HTML 6Page - Linear Technology LT1913 Datasheet HTML 7Page - Linear Technology LT1913 Datasheet HTML 8Page - Linear Technology LT1913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT1913
3
1913f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Voltage
●
780
775
790
790
800
805
mV
mV
FB Pin Bias Current (Note 3)
VFB = 0.8V, VC = 0.4V
●
10
40
nA
FB Voltage Line Regulation
4V < VIN < 25V
0.002
0.01
%/V
Error Amp gm
525
μMho
Error Amp Gain
2000
VC Source Current
60
μA
VC Sink Current
60
μA
VC Pin to Switch Current Gain
5.3
A/V
VC Clamp Voltage
2.0
V
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
2.2
1.0
200
2.45
1.1
230
2.7
1.25
260
MHz
MHz
kHz
Minimum Switch Off-Time
●
60
150
nS
Switch Current Limit
Duty Cycle = 5%
4.6
5.4
6.0
A
Switch VCESAT
ISW = 3.5A
335
mV
Boost Schottky Reverse Leakage
VSW = 10V, VBD = 0V
0.02
2
μA
Minimum Boost Voltage (Note 4)
●
1.5
2.0
V
BOOST Pin Current
ISW = 1A
35
60
mA
RUN/SS Pin Current
VRUN/SS = 2.5V
5
8
μA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
0.2
V
PG Threshold Offset from Feedback Voltage
VFB Rising
65
mV
PG Hysteresis
10
mV
PG Leakage
VPG = 5V
0.1
1
μA
PG Sink Current
VPG = 0.4V
●
200
800
μA
SYNC Low Threshold
0.5
V
SYNC High Threshold
0.8
V
SYNC Pin Bias Current
VSYNC = 0V
0.1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1913E is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT1913I specifications are
guaranteed over the –40°C to 125°C temperature range.
Note 3: Bias current flows out of the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUN/SS = 10V, VBOOST = 15V, VBD = 3.3V unless otherwise
noted. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com