Electronic Components Datasheet Search
  English  ▼

X  

LT1913 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1913 Datasheet HTML 16Page - Linear Technology LT1913 Datasheet HTML 17Page - Linear Technology LT1913 Datasheet HTML 18Page - Linear Technology LT1913 Datasheet HTML 19Page - Linear Technology LT1913 Datasheet HTML 20Page - Linear Technology LT1913 Datasheet HTML 21Page - Linear Technology LT1913 Datasheet HTML 22Page - Linear Technology LT1913 Datasheet HTML 23Page - Linear Technology LT1913 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT1913
21
1913f
TYPICAL APPLICATIONS
12V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
15V TO 25V
VOUT
12V
3.5A
10μF
0.47μF
47μF
50k
f = 600kHz
D: ON SEMI MBRA340
L: NEC MBP107558R2P
D
17.4k
63.4k
L
8.2μH
GND
680pF
ON OFF
LT1913
1913 TA06
RUN/SS
BOOST
SYNC
715k
5V, 2MHz Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
8.6V TO 22V
VOUT
5V
2.5A
4.7μF
0.47μF
22μF
100k
f = 2MHz
D: ON SEMI MBRA340
L: NEC MPLC0730L2R2
D
15k
12.7k
L
2.2μH
GND
680pF
ON OFF
LT1913
1913 TA05
RUN/SS
BOOST
SYNC
536k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com