Electronic Components Datasheet Search
  English  ▼

X  

LT1913 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 4 Page - Linear Technology

  LT1913 Datasheet HTML 1Page - Linear Technology LT1913 Datasheet HTML 2Page - Linear Technology LT1913 Datasheet HTML 3Page - Linear Technology LT1913 Datasheet HTML 4Page - Linear Technology LT1913 Datasheet HTML 5Page - Linear Technology LT1913 Datasheet HTML 6Page - Linear Technology LT1913 Datasheet HTML 7Page - Linear Technology LT1913 Datasheet HTML 8Page - Linear Technology LT1913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT1913
4
1913f
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
1913 G01
60
90
80
1.5
3
3.5
VIN = 12V
VOUT = 5V
L = 4.7μH
f = 600kHz
VIN = 24V
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
1913 G02
60
90
80
1.5
3
3.5
VIN = 12V
VOUT = 3.3V
L = 3.3μH
f = 600kHz
VIN = 24V
Efficiency
Efficiency
INPUT VOLTAGE (V)
5
15
1913 G06
4.0
10
20
3.0
2.5
5.5
5.0
4.5
3.5
25
TYPICAL
MINIMUM
VOUT = 3.3V
TA = 25°C
L = 4.7μH
f = 600kHz
Maximum Load Current
DUTY CYCLE (%)
0
40
1913 G08
4.5
20
60
3.5
3.0
6.0
5.5
5.0
4.0
80
100
Switch Current Limit
TYPICAL PERFOR A CE CHARACTERISTICS
SWITCH CURRENT (A)
0
15
45
60
75
120
1913 G11
30
90
105
03
12
45
Boost Pin Current
TEMPERATURE (°C)
4.0
4.5
5.5
5.0
1913 G09
3.5
3.0
2.0
2.5
6.5
6.0
DUTY CYCLE = 10 %
DUTY CYCLE = 90 %
–50
25
–25
0
50
75
100
150
125
Switch Current Limit
INPUT VOLTAGE (V)
5
15
1913 G07
4.5
10
20
3.5
3.0
5.5
5.0
4.0
25
TYPICAL
MINIMUM
VOUT = 5V
TA = 25°C
L = 4.7μH
f = 600kHz
Maximum Load Current
SWITCH CURRENT (A)
0
400
500
700
3
1913 G10
300
200
12
45
100
0
600
Switch Voltage Drop
Efficiency
TA = 25°C unless otherwise noted.
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
1913 G03
60
90
80
0.5
1.5
3.0
1.0
2.5
2.0
1.5
3
3.5
VIN = 12V
VOUT = 5V
L = 4.7μH
f = 600kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com