Electronic Components Datasheet Search
  English  ▼

X  

LT1913 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1913 Datasheet HTML 15Page - Linear Technology LT1913 Datasheet HTML 16Page - Linear Technology LT1913 Datasheet HTML 17Page - Linear Technology LT1913 Datasheet HTML 18Page - Linear Technology LT1913 Datasheet HTML 19Page - Linear Technology LT1913 Datasheet HTML 20Page - Linear Technology LT1913 Datasheet HTML 21Page - Linear Technology LT1913 Datasheet HTML 22Page - Linear Technology LT1913 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT1913
19
1913f
TYPICAL APPLICATIONS
sistance. Because of the large output current capability of
the LT1913, it is possible to dissipate enough heat to raise
the junction temperature beyond the absolute maximum of
125°C. When operating at high ambient temperatures, the
maximum load current should be derated as the ambient
temperature approaches 125°C.
Power dissipation within the LT1913 can be estimated by
calculating the total power loss from an efficiency measure-
ment and subtracting the catch diode loss and inductor
loss. The die temperature is calculated by multiplying the
LT1913 power dissipation by the thermal resistance from
junction to ambient.
Other Linear Technology Publications
Application Notes 19, 35 and 44 contain more detailed
descriptions and design information for buck regulators
and other switching regulators. The LT1376 data sheet
has a more extensive discussion of output ripple, loop
compensation and stability testing. Design Note 100
shows how to generate a bipolar output supply using a
buck regulator.
APPLICATIONS INFORMATION
5V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
6.5V TO 25V
VOUT
5V
3.5A
10μF
0.47μF
47μF
100k
f = 600kHz
D: ON SEMI MBRA340
L: NEC MPLC0730L4R7
D
15k
63.4k
L
4.7μH
536k
GND
680pF
ON OFF
LT1913
1913 TA02
RUN/SS
BOOST
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com