Electronic Components Datasheet Search
  English  ▼

X  

LT1913 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 1 Page - Linear Technology

  LT1913 Datasheet HTML 1Page - Linear Technology LT1913 Datasheet HTML 2Page - Linear Technology LT1913 Datasheet HTML 3Page - Linear Technology LT1913 Datasheet HTML 4Page - Linear Technology LT1913 Datasheet HTML 5Page - Linear Technology LT1913 Datasheet HTML 6Page - Linear Technology LT1913 Datasheet HTML 7Page - Linear Technology LT1913 Datasheet HTML 8Page - Linear Technology LT1913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1913
1
1913f
25V, 3.5A, 2.4MHz
Step-Down Switching Regulator
The LT
®1913 is an adjustable frequency (200kHz to
2.4MHz) monolithic buck switching regulator that accepts
input voltages up to 25V. A high efficiency 95m switch
is included on the die along with a boost Schottky diode
and the necessary oscillator, control, and logic circuitry.
Current mode topology is used for fast transient response
and good loop stability. Shutdown reduces input supply
current to less than 1μA while a resistor and capacitor on
the RUN/SS pin provide a controlled output voltage ramp
(soft-start). A power good flag signals when VOUT reaches
91% of the programmed output voltage. The LT1913 is
available in 10-Pin 3mm × 3mm DFN packages with ex-
posed pads for low thermal resistance.
■
Automotive Battery Regulation
■
Power for Portable Products
■
Distributed Supply Regulation
■
Industrial Supplies
■
Wall Transformer Regulation
■
Wide Input Range: 3.6V to 25V
■
3.5A Maximum Output Current
■
Adjustable Switching Frequency: 200kHz to 2.4MHz
■
Low Shutdown Current: IQ < 1μA
■
Integrated Boost Diode
■
Synchronizable Between 250kHz to 2MHz
■
Power Good Flag
■
Saturating Switch Design: 95m On-Resistance
■
0.790V Feedback Reference Voltage
■
Output Voltage: 0.79V to 25V
■
Thermal Protection
■
Soft-Start Capability
■
Small 10-Pin (3mm × 3mm) DFN Packages
5V Step-Down Converter
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
SW
FB
VC
PG
RT
VIN
BD
VIN
6.5V TO 25V
VOUT
5V
3.5A
10μF
0.47μF
680pF
47μF
100k
15k
63.4k
4.7μH
536k
GND
OFF ON
LT1913
1913 TA01a
RUN/SS
BOOST
SYNC
Efficiency
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
OUTPUT CURRENT (A)
0
0.5
50
70
100
1
2
2.5
1913 G01
60
90
80
1.5
3
3.5
VIN = 12V
VOUT = 5V
L = 4.7μH
f = 600kHz
VIN = 24V


Similar Part No. - LT1913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT1913 AD-LT1913 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
logo
Linear Technology
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results

Similar Description - LT1913

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
3.5A step down switching regulator
07-May-2007
logo
Linear Technology
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com