Electronic Components Datasheet Search
  English  ▼

X  

LT5504 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5504
Description  800MHz to 2.7GHz RF Measuring Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5504 Datasheet(HTML) 7 Page - Linear Technology

  LT5504 Datasheet HTML 1Page - Linear Technology LT5504 Datasheet HTML 2Page - Linear Technology LT5504 Datasheet HTML 3Page - Linear Technology LT5504 Datasheet HTML 4Page - Linear Technology LT5504 Datasheet HTML 5Page - Linear Technology LT5504 Datasheet HTML 6Page - Linear Technology LT5504 Datasheet HTML 7Page - Linear Technology LT5504 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LT5504
7
5504f
VCC
OUTPUT CURRENTS
FROM RF AND IF
DETECTORS
VOUT
CC
400µA
5504 F04
+
–
TYPICAL APPLICATIO S
to 400µA/CL. For example, the slew rate is reduced to 4V/
µs when CL = 100pF.
APPLICATIO S I FOR ATIO
Figure 5. LT5504 Evaluation Board Circuit Schematic
Figure 6.Component Side Silkscreen of Evaluation Board
5504 F04
1
2
3
4
8
7
6
5
VCC
RF+
RF–
GND
VCC
VOUT
LO
EN
C2
100pF
C3
1nF
C7
100pF
VOUT
LO
INPUT
VCC
R1
82Ω
R3
10k
R2
200Ω
R5
500k
R4
20k
C1
100pF
C4
1nF
RF
INPUT
LT5504
JUMPER
T1
TOKO
617DB-1022
Figure 4. Simplified Circuit Schematic of the Output Interface
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Applications
The LT5504 can be used as a self-standing signal strength-
measuring receiver (RSSI) for a wide range of input
signals from – 75dBm to +5dBm, for frequencies from
800MHz to 2.7GHz.
The LT5504 can be used as a demodulator for AM and ASK
modulated signals with data rates up to 5MHz. Depending
on specific application needs, the RSSI output can be split
into two branches, providing AC coupled data output, and
DC coupled, RSSI output for signal strength measure-
ments and AGC. Refer to Figure 5.
The LT5504 can also be used as a wide range RF power
detector for transmit power control.
Figure 9. Bottom Side Layout
of Evaluation Board
Figure 7. Component Side
Layout of Evaluation Board
Figure 8.Bottom Side
Silkscreen of Evaluation Board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com