Electronic Components Datasheet Search
  English  ▼

X  

LT5504 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5504
Description  800MHz to 2.7GHz RF Measuring Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5504 Datasheet(HTML) 5 Page - Linear Technology

  LT5504 Datasheet HTML 1Page - Linear Technology LT5504 Datasheet HTML 2Page - Linear Technology LT5504 Datasheet HTML 3Page - Linear Technology LT5504 Datasheet HTML 4Page - Linear Technology LT5504 Datasheet HTML 5Page - Linear Technology LT5504 Datasheet HTML 6Page - Linear Technology LT5504 Datasheet HTML 7Page - Linear Technology LT5504 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT5504
5
5504f
PI FU CTIO S
BLOCK DIAGRA
VCC (Pins 1, 8 ): Power Supply Pins. These pins must be
tied together at the part as close as possible, and should
be decoupled using 1000pF capacitors.
RF+ (Pin 2): Positive RF Input Pin.
RF– (Pin 3): Negative RF Input Pin.
GND (Pin 4): Ground Pin.
EN (Pin 5): Enable Pin. The on/off threshold voltage
is about VCC/2. When the input voltage is higher than
0.6 • VCC, the circuit is completely turned on. When the
input voltage is less than 0.4 • VCC, the circuit is turned off.
LO (Pin 6): Local Oscillator Input Pin.
VOUT (Pin 7): Output Pin.
5504 BD
2
3
6
7
DET
DET
DET
DET
• • •
LO
BUFFER
RF
LIMITER
IF
LIMITER
IF
LIMITER
LIMITING
MIXER
LPF
RF+
RF–
LO
5
EN
4
GND
1
8
VCC
VCC
VOUT
+
ENABLE
APPLICATIO S I FOR ATIO
The LT5504 consists of the following sections: RF/IF
limiters, limiting mixer, RF/IF detectors, LO buffer ampli-
fier, 3rd-order integrated low pass filter (LPF), output
interface and bias circuitry.
An RF signal ranging from 800MHz to 2.7GHz is detected
by the RF and IF detectors using a proprietary technique.
The down-converted IF signal is band limited by the on-
chip LPF, reducing broadband noise, and thus an ultrawide
dynamic range signal can be measured. The RF measuring
receiver is essentially a logarithmic voltage detector. The
measured output voltage is directly proportional to the RF
signal voltage. An internal temperature compensation
circuit results in a highly temperature-stable output volt-
age.
RF Limiter
The differential input impedance of the RF limiter is shown
in Figure 1. A 1:1 input transformer can be used to achieve
50Ω broadband matching with an 82Ω shunt resistor (R1)
at the inputs as shown in Figure 5.
The 1:1 RF input transformer can also be replaced with a
narrow band single-ended-to-differential conversion cir-
cuit using three discrete elements as shown in Figure 2.
Their nominal values are listed in Table 1. Due to the
parasitics of the PCB, these values may require adjust-
ment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com