Electronic Components Datasheet Search
  English  ▼

X  

LT5504 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5504
Description  800MHz to 2.7GHz RF Measuring Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5504 Datasheet(HTML) 6 Page - Linear Technology

  LT5504 Datasheet HTML 1Page - Linear Technology LT5504 Datasheet HTML 2Page - Linear Technology LT5504 Datasheet HTML 3Page - Linear Technology LT5504 Datasheet HTML 4Page - Linear Technology LT5504 Datasheet HTML 5Page - Linear Technology LT5504 Datasheet HTML 6Page - Linear Technology LT5504 Datasheet HTML 7Page - Linear Technology LT5504 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT5504
6
5504f
1:
63.56Ω
–j98.05Ω
900.00MHz
2:
26.69Ω
–j42.90Ω
1.90GHz
3:
28.88Ω
–j27.76Ω
2.50GHz
1
2
3
START: 100MHz
STOP:3GHz
5504 F01
APPLICATIO S I FOR ATIO
Limiting Mixer and LPF
The amplified RF signal is down-converted using the
limiting mixer and LO signal. The resulting signal is filtered
by the 3rd-order, 450MHz, integrated low pass filter (LPF).
Only the desired IF signal is passed to the IF limiters for
further detection. Any other mixing products, including LO
feedthrough, are much reduced to maximize sensitivity.
The receiver’s sensitivity is thus defined by the LPF band-
width.
IF Limiter
The IF signal is then amplified through the multiple limiter
stages for further signal detection. All DC offsets, includ-
ing LO signal self-mixing, are eliminated by an internal DC
offset cancellation circuit. Nevertheless, care should be
taken in component placement and in PCB layout to
minimize LO coupling to the RF port.
Output Interface
The output interface of the LT55O4 is shown in Figure 4.
The output currents from the RF and IF detectors are
summed and converted into an output voltage, VOUT.
The maximum charging current available to the output
load is about 400µA. An internal compensation capacitor
CC is used to guarantee stable operation for a large
capacitive output load. The slew rate is 80V/µs and the
small signal output bandwidth is approximately 5MHz
when the output is resistively terminated. When the output
is loaded with a large capacitor CL, the slew rate is limited
Figure 3 shows the output voltage vs RF input power
response for these two input terminations. The voltage
gain of the single-ended-to-differential conversion circuit
is:
GAIN
LOG
R
dB
IN
==
20
50
3
•,
where RIN = 100Ω is the narrow band input impedance.
Thus, the output voltage curve in this case is shifted to the
left by about 3dB.
Table 1. The Component Values of Matching Network LSH, CS1
and CS2
fIF (MHz)
LSH(nH)
CS1/CS2(pF)
900
12.0
3.9
1900
3.3
3.3
2500
2.7
2.2
2700
2.4
1.5
MATCHING NETWORK
RF
INPUT
CS1
3.3pF
CS2
3.3pF
LSH
3.3nH
TO RF+
TO RF–
5504 F02
2.5
2.0
1.5
1.0
0.5
0
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
10
5504 F03
0
fRF = 1.9GHz
WITH SINGLE-ENDED-TO-
DIFFERENTIAL INPUT CIRCUIT
WITH 1:1 INPUT TX
Figure 3. The Output Voltage vs RF Input Power
Figure 1. Differential RF Input Impedance
Figure 2. RF Input Matching Network at 1900MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com